KUS-C1-R
AI

The **KUS-C1-R** is an electronic component primarily classified as a **Slotted Optical Switch** (also known as a Photo Interrupter). It is commonly used for position sensing, speed detection, and end-of-travel switching in automated machinery.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics for this series of optical sensors:
| Parameter | Type | Typical Value |
| :--- | :--- | :--- |
| **Input (Emitter)** | Infrared LED | GaAs (Gallium Arsenide) |
| **Output (Detector)** | Phototransistor | NPN Silicon |
| **Forward Current ($I_F$)** | Input | 20mA - 50mA |
| **Collector-Emitter Voltage ($V_{CEO}$)** | Output | 30V |
| **Slot Width** | Physical | ~3mm to 5mm |
| **Mounting Type** | PCB | Through-hole / Snap-in |
---
### 2. Operating Principle
The device consists of two main electronic parts housed in a single plastic molded frame, separated by a gap (slot):
1. **The Infrared Emitter (LED):** Located on one side of the slot. When power is applied, it emits a constant beam of infrared light.
2. **The Photodetector (Phototransistor):** Located on the opposite side. It stays in a "conducting" state as long as it receives light from the LED.
3. **The Switching Action:** When an opaque object (like a gear tooth or a metal flag) enters the slot, it blocks the light. This causes the phototransistor to stop conducting, changing the output signal from **Low to High** (or vice versa, depending on the circuit design).
---
### 3. Connection Diagram (Standard 4-Pin)
Most KUS-C1-R modules utilize a 4-pin configuration:
```text
Pin 1: Anode (+) -> Connect to VCC via Resistor
Pin 2: Cathode (-) -> Connect to Ground (GND)
Pin 3: Collector (C) -> Signal Output (Pull-up)
Pin 4: Emitter (E) -> Connect to Ground (GND)
```
### 4. Typical Applications
* **Printer Carriage Positioning:** Detecting the home position of the print head.
* **Encoders:** Counting pulses from a rotating disk to measure motor speed.
* **Paper Sensing:** Detecting the presence or absence of paper in office equipment.
* **Industrial Safety:** Acting as a non-contact limit switch.
---
- ⤷What is the recommended resistor value for the LED input of the KUS-C1-R?
- ⤷ Can this sensor be used in high-ambient light environments?
- ⤷ What is the response time (switching speed) for this specific model?