KUS-K4-R
AI

The **KUS-K4-R** typically refers to a high-precision, industrial-grade **resistive fuel/water level sensor** manufactured by KUS (formerly Wema). This specific model is widely used in marine, automotive, and generator applications to monitor tank levels.
Below is a detailed explanation of its electronic components and specifications.
---
### 1. Internal Working Principle
The KUS-K4-R operates on a **reed switch and resistor ladder** mechanism. Unlike capacitive sensors that measure electrical fields, this is a mechanical-electronic hybrid:
* **The Float:** Contains a permanent magnet.
* **The Stem:** Houses a series of hermetically sealed reed switches and fixed-value resistors.
* **Action:** As the float rises or falls with the liquid level, the magnetic field closes specific reed switches, changing the total resistance of the circuit.
### 2. Electronic Specifications
The "R" in the model name usually signifies a specific resistance range. In the marine industry, there are two dominant standards:
| Feature | Specification (Standard) |
| :--- | :--- |
| **Signal Output** | Resistance-based (0-190Ω or 240-33Ω) |
| **Input Voltage** | Passive (Uses the gauge's reference voltage) |
| **Switching Resolution** | 10mm to 21mm (depending on length) |
| **Material** | SUS 316 Stainless Steel |
| **Operational Temp** | -40°C to +85°C |
| **Protection Rating** | IP67 (Dust and Water tight) |
### 3. Wiring Configuration
The electronic interface of the KUS-K4-R is straightforward, typically consisting of a 2-wire system:
```markdown
- Brown Wire: Signal Output (To the Gauge)
- Blue Wire: Ground (Negative/Earth)
```
### 4. Key Advantages
* **Linearity:** The resistor ladder ensures a stepped but linear output that gauges can easily interpret.
* **Durability:** Because the reed switches are encased in a stainless steel tube and the float is the only moving part, there is no direct contact between the liquid and the electronic circuit.
* **No Calibration:** Unlike ultrasonic or capacitive sensors, the K4 series is factory-set and does not require complex electronic calibration.
---
### Comparison: K4-R vs. Electronic Digital Sensors
| Feature | K4-R (Resistive) | Digital (NMEA 2000) |
| :--- | :--- | :--- |
| **Data Format** | Analog Ohms | Digital Data Packets |
| **Complexity** | Low (2 wires) | High (5-pin Micro-C) |
| **Compatibility** | Standard Analog Gauges | Chartplotters / MFDs |
- ⤷
What is the difference between the 0-190 ohm and 240-33 ohm versions?
- ⤷ How do I test a KUS-K4-R sensor using a multimeter?
- ⤷ Can this sensor be used for volatile liquids like gasoline?