KUSBVLPXHT
AI

The part number **KUSBVLPXHT** refers to a specific series of high-performance Universal Serial Bus (USB) connectors manufactured by **Kycon**. This component is a specialized USB Type-A socket designed for surface mount applications where durability and high-temperature resistance are required.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | USB Type-A (2.0) |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | Surface Mount (SMT) / Vertical Orientation |
| **Voltage Rating** | 30V AC/DC |
| **Current Rating** | 1.0A per contact |
| **Contact Plating** | Gold Flash (Standard) or 30µ" Gold |
| **Housing Material** | High-Temperature Thermoplastic (UL94V-0) |
| **Operating Temperature** | -55°C to +85°C |
---
### 2. Breakdown of the Part Number
Kycon uses a specific coding system to define the attributes of this connector:
* **KUSB**: Indicates the Kycon USB series.
* **VLP**: Stands for **V**ertical **L**ow **P**rofile. This means the connector stands upright on the PCB rather than lying flat, saving horizontal board space.
* **X**: Often denotes a specific variation in shielding or pin length (refer to datasheet for specific revision).
* **HT**: Stands for **H**igh **T**emperature. This indicates the insulator material is designed to withstand **reflow soldering** temperatures (typically up to 260°C).
---
### 3. Electronic Features & Advantages
#### A. Vertical Orientation
Unlike standard horizontal USB ports found on the side of a laptop, the "V" in this part signifies a vertical orientation. This is ideal for:
* Embedded systems where the USB port faces "up" through an enclosure.
* Densely packed PCBs where "footprint" space is more valuable than height.
#### B. High-Temperature Compatibility
The **HT** designation is critical for modern manufacturing. Standard plastic connectors melt during lead-free reflow soldering processes. The KUSBVLPXHT uses LCP (Liquid Crystal Polymer) or high-temp nylon, allowing it to pass through automated soldering ovens without deformation.
#### C. Shielding and Grounding
The connector features a full metal shield (usually copper alloy with nickel plating). This provides:
* **EMI/RFI Protection:** Prevents electromagnetic interference from affecting the data signals.
* **Mechanical Integrity:** The shield usually includes "tabs" or "kinks" that are soldered to the board to provide structural support so the connector doesn't snap off during cable insertion/removal.
---
### 4. Common Applications
* **Industrial Control Panels:** Where space is tight and ports must face outward from the board surface.
* **Charging Stations:** Vertical ports allow for "top-down" docking.
* **Data Loggers:** Used in compact devices to download stored information.
* **Automotive Electronics:** Due to the high-temperature rating and robust construction.
- ⤷
What are the PCB footprint dimensions for the KUSBVLPXHT?
- ⤷ How does the 'HT' version differ from the standard KUSBVLP in terms of soldering?
- ⤷ Are there 3.0 (SuperSpeed) versions of vertical USB connectors available from Kycon?