KVR-5R0C155-R
AI

The **KVR-5R0C155-R** is a high-performance **Electric Double Layer Capacitor (EDLC)**, commonly referred to as a **Supercapacitor** or Ultracapacitor, manufactured by Eaton (formerly Cooper Bussmann).
---
### 1. Technical Specifications
The following table highlights the critical electrical and physical parameters of the component:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 1.5 Farads (F) |
| **Voltage Rating** | 5.0 Volts (V) |
| **Capacitance Tolerance** | -20% to +80% |
| **Equivalent Series Resistance (ESR)** | ~0.30 Ω (at 1 kHz) |
| **Temperature Range** | -25°C to +70°C |
| **Mounting Style** | Through Hole (Radial / Vertical) |
| **Termination Style** | C-Style (Vertical) Leads |
| **Lifecycle** | Up to 500,000 charge/discharge cycles |
---
### 2. Physical Construction & Design
The "KVR" series is designed for vertical mounting on PCBs where space might be a constraint.
* **Internal Chemistry:** It utilizes an electrochemical mechanism rather than a traditional dielectric, allowing for much higher energy density than standard electrolytic capacitors.
* **Form Factor:** The "C" in the part number indicates a specific lead configuration (usually vertical/cylindrical) designed to minimize the footprint on a circuit board.
* **RoHS Compliant:** The "-R" suffix denotes that the part is lead-free and compliant with environmental regulations.
---
### 3. Key Applications
Because of its high capacitance and 5V rating, this part is primarily used for power backup and energy storage:
1. **Memory Backup (SRAM/RTC):** Provides power to Real-Time Clocks or volatile memory during main battery swaps or power outages.
2. **Smart Meters:** Used in electric, gas, and water meters to transmit data (RF pulses) when primary power is unavailable.
3. **Industrial Controllers:** Ensures graceful shutdowns of PLCs (Programmable Logic Controllers) during sudden power loss.
4. **Solar Energy Harvesting:** Stores small amounts of energy from solar cells to power low-energy sensors overnight.
---
### 4. Comparison: Supercapacitor vs. Battery
| Feature | KVR-5R0C155-R (Supercap) | Rechargeable Battery |
| :--- | :--- | :--- |
| **Charge Time** | Seconds | Minutes to Hours |
| **Cycle Life** | >500,000 | 500 - 2,000 |
| **Energy Density** | Lower | Higher |
| **Power Density** | Higher (Discharges quickly) | Lower |
---
- ⤷
What is the difference between the 'C' and 'V' lead configurations for this series?
- ⤷ How do I calculate the backup time provided by a 1.5F capacitor?
- ⤷ What are the soldering precautions for supercapacitors to avoid damage?