KVS-FWA-R
AI

The **KVS-FWA-R** is an electronic component primarily classified as a **Precision Shunt Resistor** or a **Current Sense Resistor**. It is engineered by manufacturers like KOA Speer for high-power applications requiring extreme accuracy and stability in current measurement.
---
### 1. Key Technical Specifications
The following table highlights the core electronic characteristics of the KVS-FWA-R series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Shunt Resistor (Four-Terminal) |
| **Resistance Range** | 0.5mΩ to 10mΩ |
| **Tolerance** | ±0.1% to ±1.0% |
| **Power Rating** | Up to 5 Watts |
| **TCR (Temp. Coefficient)** | ±10 ppm/°C to ±50 ppm/°C |
| **Operating Temp.** | -55°C to +155°C |
---
### 2. Physical and Design Characteristics
#### Kelvin (4-Terminal) Connection
The "R" in the suffix often denotes the specific configuration for Kelvin sensing. Unlike standard 2-terminal resistors, this part features:
* **2 Power Terminals:** To carry the main load current.
* **2 Sensing Terminals:** To measure the voltage drop across the resistive element.
* **Benefit:** This eliminates the effect of lead resistance and contact resistance, ensuring the voltage measured is strictly from the resistor body.
#### Construction Materials
* **Resistive Element:** Typically made of Manganin or Ni-Cr alloys, which offer low thermal EMF and high stability.
* **Encapsulation:** Molded or ceramic casing to protect against environmental factors and provide mechanical strength.
---
### 3. Application Use Cases
Due to its high precision and power handling, the KVS-FWA-R is commonly found in:
1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in electric vehicles or energy storage.
2. **Industrial Power Supplies:** High-efficiency DC-DC converters and inverters.
3. **Motor Control:** Precise current feedback for servo motors and industrial automation.
4. **Smart Meters:** Accurate energy consumption tracking.
---
### 4. Part Number Breakdown (Generic)
While codes can vary slightly, here is the standard logic for this series:
* **KVS:** Series Name (Kelvin Shunt).
* **FWA:** Size and Material code (referencing specific dimensions).
* **R:** Denotes the resistance value format or lead configuration.
- ⤷
What are the advantages of a 4-terminal Kelvin connection over a 2-terminal resistor?
- ⤷ How does the Temperature Coefficient (TCR) affect current measurement accuracy?
- ⤷ Can this resistor be used in high-frequency switching applications?