KWADS-151B-R
AI

The **KWADS-151B-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive controls, and industrial interfaces to provide a physical "click" feedback when a button is pressed.
---
### Technical Specifications
The following table outlines the typical electrical and physical characteristics of this part series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuator Style** | Round Button / Stem |
| **Operating Force** | 160gf to 250gf (varies by sub-model) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | 100 mΩ Max |
| **Insulation Resistance** | 100 MΩ Min @ 100V DC |
| **Operating Life** | 100,000 to 500,000 cycles |
---
### Component Composition
The internal structure of the KWADS-151B-R consists of several key electronic and mechanical parts:
1. **Contact Dome (The Heart):** A stainless steel or copper alloy disc that provides the tactile snap and completes the circuit when depressed.
2. **Cover:** Usually a metal plate that holds the internal components in place and provides structural integrity.
3. **Actuator (Stem):** The plastic part that the user presses. In the "151" series, this is usually a low-profile or standard height stem.
4. **Base (Housing):** Made of heat-resistant thermoplastic (LCP or Nylon) to withstand the high temperatures of reflow soldering.
5. **Terminals:** Silver-plated or gold-plated leads that interface with the Printed Circuit Board (PCB).
---
### Application Use Cases
Because of its small footprint and reliability, this part is commonly found in:
* **Mobile Devices:** Volume or power buttons.
* **Wearables:** Smartwatches and fitness trackers.
* **Peripherals:** Computer mice and keypads.
* **Automotive:** Dashboard controls and key fobs.
---
### Dimensions and Footprint
While specific datasheets should be consulted for PCB layout, the "KWADS" series generally follows a standard footprint:
```text
Approximate Size: 3.5mm x 3.0mm (Small Form Factor)
Orientation: Right Angle or Vertical (R suffix often denotes Right Angle)
```
- ⤷
What are the soldering temperature requirements for the KWADS-151B-R?
- ⤷ How does the 'R' suffix change the mounting orientation of the switch?
- ⤷ What is the IP rating for environmental protection on this specific model?