KWADS-3DC-R
AI

Based on the part number provided, the **KWADS-3DC-R** refers to a specific series of **Compact Limit Switches** (often associated with industrial automation components like those from KACON). These devices are electromechanical switches used to detect the presence or position of an object.
Below is a breakdown of the electronic and physical characteristics of this component.
---
### 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) |
| **Rated Voltage** | 250V AC / 30V DC (Typical) |
| **Rated Current** | 5A to 10A (Depending on load type) |
| **Actuator Type** | Roller Lever / Adjustable Roller |
| **Protection Rating** | IP67 (Dust-tight and water immersion resistant) |
| **Housing Material** | Die-cast Aluminum or Reinforced Plastic |
| **Operation Speed** | 0.5mm to 0.5m/sec |
---
### 2. Key Electronic Components
The "Electronic" nature of this part is primarily **electromechanical**. It functions as a bridge between physical motion and an electrical control circuit (like a PLC).
* **Switching Element (Microswitch):** Inside the casing is a high-precision snap-action microswitch. This ensures that the electrical contact is made or broken instantly, regardless of how slowly the external lever moves.
* **Contact Material:** Usually made of silver alloy to ensure high conductivity and minimize electrical "arcing" when the circuit opens or closes.
* **Terminals:** Features screw terminals for secure wiring. The "3DC" designation often refers to the specific wiring orientation or the inclusion of a DC-rated internal diode/LED for status indication (model dependent).
* **Bifurcated Contacts:** Some variants use bifurcated contacts to increase reliability when switching very low-level electronic signals (logic levels).
---
### 3. Functional Diagram (Internal Logic)
When the roller lever is depressed, the internal mechanism shifts the common terminal from the NC (Normally Closed) contact to the NO (Normally Open) contact.
```mermaid
graph LR
A[Common Terminal] --- B[NC Contact - Resting State]
A -.-> C[NO Contact - Actuated State]
```
---
### 4. Application Use Cases
1. **Safety Interlocks:** Ensuring a machine guard is closed before power is applied.
2. **Position Sensing:** Detecting the arrival of a package on a conveyor belt.
3. **End-of-Travel Limits:** Preventing a CNC gantry or robotic arm from moving beyond its physical track.
- ⤷
What is the maximum switching frequency for this limit switch?
- ⤷ Does this model support direct integration with a 24V PLC input?
- ⤷ What are the mounting dimensions for the KWADS series?