KWDNY-3DA-R
AI

The **KWDNY-3DA-R** is a specific model of a **Solid State Relay (SSR)**, typically utilized in industrial automation for controlling high-power AC loads with low-power DC control signals. It is often associated with brands like *Kudny* or specific industrial component manufacturers in Asia.
### 1. Key Technical Specifications
Below are the typical electronic characteristics for this series:
| Parameter | Specification |
| :--- | :--- |
| **Control Voltage (Input)** | 3 - 32V DC |
| **Load Voltage (Output)** | 24 - 480V AC |
| **Load Current Rating** | Typically 10A to 40A (varies by sub-model) |
| **Switching Type** | Zero-Cross Switching |
| **Isolation** | Opto-isolation (Phototriac) |
| **Status Indicator** | Integrated LED (Red) |
---
### 2. Internal Electronic Components
The device is comprised of three main functional stages:
#### A. Input Circuit (Control Side)
* **Current Limiting Resistor:** Protects the internal LED from high control voltages.
* **Reverse Polarity Protection Diode:** Prevents damage if the DC input wires are connected backward.
* **Optical Isolator (Optocoupler):** Physically separates the low-voltage control side from the high-voltage load side to prevent electrical interference and ensure safety.
#### B. Trigger Circuit
* **Zero-Crossing Detector:** An electronic circuit that ensures the relay only turns "ON" when the AC load voltage is near zero volts. This minimizes electromagnetic interference (EMI) and prevents high inrush currents.
* **Phototriac:** Receives light from the input side and triggers the main power switch.
#### C. Power Switching (Load Side)
* **Triac or Back-to-Back Thyristors (SCRs):** These are the primary power components that handle the high-voltage AC current.
* **RC Snubber Circuit:** An internal resistor-capacitor network that protects the relay from high $dV/dt$ (sudden voltage spikes) that could cause unintended triggering.
---
### 3. Connection Pinout
The unit typically features four screw terminals:
1. **Terminal 1 & 2:** Output (AC Load). These act as a switch placed in series with the power line and the device (e.g., a heater or motor).
2. **Terminal 3 (+):** Positive DC Control Input.
3. **Terminal 4 (-):** Negative DC Control Input (Ground).
---
### 4. Application Considerations
* **Heat Dissipation:** Because SSRs have an internal voltage drop (approx. 1.0V to 1.6V), they generate heat. For loads exceeding 10A, a **Heat Sink** and thermal paste are mandatory.
* **Fusing:** Use fast-acting semiconductor fuses to protect the SSR from short circuits, as standard circuit breakers are often too slow to save the internal thyristors.
- ⤷
What is the maximum current rating for the specific '3DA-R' variant?
- ⤷ How does zero-cross switching benefit inductive loads like motors?
- ⤷ Can I control this SSR directly from an Arduino or Raspberry Pi GPIO?