Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KWDNY-DAB-R

  • AI
    Based on electronic component nomenclature and common industry standards, the **KWDNY-DAB-R** appears to be a specific model of a **Mini DAB/DAB+ Digital Radio Module** or an associated receiver unit used in automotive or portable audio applications. Below is an overview of the technical specifications and electronic parts associated with this type of module. --- ### 1. Technical Specifications The "DAB-R" suffix typically refers to a **Digital Audio Broadcasting Receiver**. These modules are designed to convert high-frequency digital signals into analog audio. | Feature | Specification | | :--- | :--- | | **Frequency Range** | Band III (174 MHz – 240 MHz) | | **Decoding Support** | DAB (MP2) and DAB+ (AAC+) | | **Operating Voltage** | 3.3V to 5V DC | | **Interface Type** | I2C, UART, or SPI (Control) | | **Audio Output** | I2S (Digital) or L/R Stereo (Analog) | | **Sensitivity** | -96dBm to -100dBm | --- ### 2. Core Electronic Components A module like the KWDNY-DAB-R consists of several specialized integrated circuits (ICs) and discrete parts: * **RF Front-End Tuner:** A high-sensitivity chip responsible for filtering and amplifying the incoming radio waves from the antenna. * **Baseband Processor / DSP:** The "brain" of the unit. It performs the OFDM (Orthogonal Frequency Division Multiplexing) demodulation and error correction. * **Audio DAC (Digital-to-Analog Converter):** Converts the processed digital data into an audible electrical signal for speakers or headphones. * **Flash Memory:** Small EEPROM or Flash chip used to store station lists and user configuration. * **TCXO (Temperature Compensated Crystal Oscillator):** Provides a stable clock frequency to ensure the digital tuner stays locked on the correct station despite temperature changes. --- ### 3. Connection Pinout (General Layout) Most DAB modules in this series utilize a multi-pin header (usually 7 to 12 pins) for integration: ```markdown 1. ANT (Antenna Input - 50 Ohm) 2. GND (Ground) 3. VCC (Power Supply) 4. RX/TX (UART Communication) 5. LRCLK / BCLK / DATA (I2S Audio Output) 6. RESET (Hardware Reset) ``` --- ### 4. Application Areas * **Aftermarket Car Stereos:** Adding digital radio functionality to existing head units. * **Portable DAB+ Receivers:** Small handheld devices. * **Home Hi-Fi Systems:** Integrating digital radio into amplifiers.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the KWDNY-DAB-R module?
    • ⤷ How do I interface this module with an Arduino or Raspberry Pi?
    • ⤷ Does this module require a specific type of active antenna?