KWMS-2D-R/K
AI

The **KWMS-2D-R/K** is a high-performance **Dual-Axis K-Band Microwave Sensor** commonly used in traffic monitoring, speed measurement, and security applications. It utilizes the Doppler effect to detect moving objects and can provide both speed and direction data.
---
### 1. Key Electronic Specifications
The sensor operates within the K-Band frequency range, which allows for high precision and small antenna sizes.
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 24.125 GHz (K-Band) |
| **Operating Voltage** | 5V DC ± 5% |
| **Current Consumption** | ~40mA to 60mA |
| **Output Interface** | Dual Channel (I/Q) Analog / Digital Pulse |
| **Detection Range** | Up to 15-20 meters (depending on object size) |
| **Operating Temperature**| -20°C to +60°C |
---
### 2. Core Electronic Components
The internal circuitry of the KWMS-2D-R/K is divided into several functional blocks:
#### A. Microwave Transceiver (MMIC)
The heart of the device is a **Monolithic Microwave Integrated Circuit (MMIC)**. It generates the 24GHz signal and transmits it via a patch antenna. When the signal reflects off a moving object, the MMIC receives the shifted frequency.
#### B. Dual-Channel (I/Q) Mixer
The "2D" in the model name refers to the **In-phase (I)** and **Quadrature (Q)** outputs.
- By comparing the phase difference between these two signals, the electronics can determine if an object is **approaching** or **receding**.
- Single-channel sensors can only detect speed, whereas this I/Q configuration allows for direction sensing.
#### C. Signal Conditioning (Op-Amps)
The raw Doppler signal is extremely weak (microvolts). The board contains high-gain operational amplifiers to:
1. Filter out low-frequency noise (like 50/60Hz power line hum).
2. Amplify the signal to a level readable by a Microcontroller (MCU).
#### D. Patch Antenna Array
Instead of a wire antenna, it uses a copper **Patch Antenna** etched directly onto the PCB. This design provides a specific "beamwidth" (usually around 80° horizontal and 32° vertical) to focus the energy in a specific direction.
---
### 3. Connection Pinout (Standard R/K Series)
The sensor typically features a 4-pin or 5-pin header:
1. **VCC:** Power supply (5V).
2. **GND:** Ground.
3. **I-Output:** In-phase Doppler signal.
4. **Q-Output:** Quadrature Doppler signal.
5. *(Optional)* **IF:** Intermediate Frequency output for raw processing.
---
### 4. Comparison: R vs. K Variants
While the base technology is the same, the suffix usually denotes the mounting or gain sensitivity:
* **KWMS-2D-R:** Often refers to a "Round" or specific radiation pattern optimized for wide-area motion detection.
* **KWMS-2D-K:** Often refers to a "Keyed" or narrow-beam version optimized for specific lane detection in traffic.
- ⤷
What is the difference between I and Q signals in direction detection?
- ⤷ How do I interface the KWMS-2D-R analog output with an Arduino?
- ⤷ What is the maximum detection speed of this sensor?