AI

The **KWMS2-1D-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide physical feedback to a user.
---
### 1. Technical Specifications
Below are the general technical parameters associated with this series of tactile switches:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuator Style** | Round Button / Rectangular Body |
| **Contact Rating** | 50mA @ 12V DC |
| **Operating Force** | 160gf to 250gf (Common range) |
| **Travel** | 0.25mm ± 0.1mm |
| **Lifespan** | 50,000 to 100,000 cycles |
| **Terminal Finish** | Silver or Gold plated |
---
### 2. Breakdown of the Part Number
While nomenclature varies slightly by manufacturer (often associated with brands like **KLS** or **Kingbright** in specific contexts), the code usually breaks down as follows:
* **KWMS2**: Indicates the series or physical dimensions (often a small form factor like 3x4mm or 4x4mm).
* **1D**: Refers to the height of the actuator (stem). In this case, it usually signifies a specific height (e.g., 1.5mm or 2.5mm).
* **R**: Generally stands for **Tape & Reel** packaging, indicating the part is intended for automated "pick and place" assembly lines.
---
### 3. Key Electronic Characteristics
#### A. Momentary Action
The circuit is **Normally Open (NO)**. The electrical connection is only made while the button is physically depressed. Once released, the internal spring mechanism breaks the connection.
#### B. Contact Resistance
These switches are designed for low-power signal switching. They typically feature a contact resistance of **< 100mΩ**, ensuring minimal signal loss when the switch is engaged.
#### C. Environmental Resistance
The "R" suffix or specific sub-series often implies a level of heat resistance allowing the part to withstand **Reflow Soldering** temperatures (up to 260°C).
---
### 4. Application Examples
* **Consumer Electronics:** Power buttons on Bluetooth speakers, volume rockers on tablets.
* **Home Automation:** Reset buttons on smart plugs or UI buttons on thermostats.
* **Peripherals:** Function keys on specialized keyboards or mouse side-buttons.
- ⤷
What are the exact physical dimensions (LxWxH) of the KWMS2-1D-R?
- ⤷ Is this switch rated for IP67 water resistance?
- ⤷ What is the recommended PCB footprint for soldering this component?