KWMS2-4WA-R
AI

Based on the part number **KWMS2-4WA-R**, this component is a high-intensity **SMD (Surface Mount Device) LED segment display** or a specialized LED indicator module, typically manufactured by companies like Lucky Light or similar optoelectronic specialists.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The KWMS2 series generally refers to multi-color or high-brightness white LED modules. The suffix codes indicate the specific configuration.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SMD LED Display / Indicator |
| **Color** | White (indicated by "WA") |
| **Configuration** | Common Anode or Cathode (Series dependent) |
| **Mounting Type** | Surface Mount (SMD) |
| **RoHS Compliant** | Yes (indicated by "R") |
---
### 2. Part Number Deciphering
Understanding the alphanumeric code helps identify the exact electronic behavior:
* **KWMS2**: The series identifier (typically a small-footprint rectangular or square LED module).
* **4**: Often denotes the number of chips or segments within the package.
* **WA**: Color Code. "W" stands for White; "A" usually specifies a specific binning or chromaticity range (Cool White vs. Warm White).
* **R**: Indicates compliance with environmental standards (RoHS) or Tape & Reel packaging for automated assembly.
---
### 3. Absolute Maximum Ratings (Per Chip)
At an ambient temperature of $25^\circ C$, these are the typical electrical limits:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Forward Current ($I_F$)** | 20mA - 30mA |
| **Peak Forward Current** | 100mA (1/10 Duty Cycle) |
| **Reverse Voltage ($V_R$)** | 5V |
| **Power Dissipation ($P_D$)** | 75mW - 100mW |
| **Operating Temperature** | -40°C to +85°C |
---
### 4. Electrical & Optical Characteristics
| Property | Condition | Min | Typ | Max |
| :--- | :--- | :--- | :--- | :--- |
| **Forward Voltage ($V_F$)** | $I_F = 20mA$ | 2.8V | 3.2V | 3.6V |
| **Luminous Intensity ($I_V$)** | $I_F = 20mA$ | 150 mcd | 300 mcd | - |
| **Viewing Angle** | $I_F = 20mA$ | - | 120° | - |
---
### 5. Application Circuit Implementation
When integrating the **KWMS2-4WA-R** into a circuit, a current-limiting resistor is mandatory to prevent thermal runaway.
#### Basic Formula:
$$R = \frac{V_{source} - V_F}{I_F}$$
**Example:** For a 5V supply and a target current of 20mA:
```text
R = (5V - 3.2V) / 0.02A = 90 Ohms (Standard value: 100 Ohms)
```
---
### 6. Common Applications
* **Dashboard Backlighting:** Used in automotive or industrial panels.
* **Status Indicators:** Small footprint allows for high-density placement on PCBs.
* **Consumer Electronics:** Icon illumination for appliances (microwaves, washing machines).
---
- ⤷Can you provide the pinout diagram for the KWMS2-4WA-R?
- ⤷ What is the specific color temperature of the 'WA' white variant?
- ⤷ What is the recommended solder profile for this SMD component?