KWMS2-5WG-R
AI

### Overview of the KWMS2-5WG-R
The **KWMS2-5WG-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Resistor**, often utilized in current sensing or power management applications. Below is a detailed breakdown of its technical specifications and characteristics.
---
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Metal Element Current Sense Resistor |
| **Power Rating** | 5 Watts (at specified ambient temperature) |
| **Resistance Range** | Typically low-milliohm values (e.g., 5mΩ to 100mΩ) |
| **Tolerance** | ±1% or ±5% (standard for "R" series) |
| **Mounting Style** | Surface Mount (SMD/SMT) |
| **Termination Style** | Wide terminal / Gull-wing lead frames (for thermal dissipation) |
---
### Key Features
* **High Power Density:** Despite its relatively small footprint, it is designed to handle up to 5W of power, which is significantly higher than standard thick-film resistors.
* **Current Sensing:** The low resistance values allow it to measure current flow by monitoring the voltage drop across the component with minimal energy loss.
* **Thermal Management:** The "WG" designation often refers to a "Wide Gull-wing" lead design, which helps in dissipating heat into the PCB copper traces and provides better mechanical stability under thermal cycling.
* **Stability:** Constructed using metal alloy elements, ensuring a low Temperature Coefficient of Resistance (TCR), meaning the resistance stays stable even as the part heats up.
---
### Typical Applications
1. **Power Supplies:** Used in DC-DC converters and AC-DC switchers for over-current protection.
2. **Motor Control:** Monitoring the current drawn by industrial or automotive motors.
3. **Battery Management Systems (BMS):** Measuring charge and discharge rates in high-capacity battery packs.
4. **Automotive Electronics:** Used in CPU power modules and lighting controllers.
---
### Comparison: Standard vs. Wide Terminal
| Feature | Standard Resistor | KWMS2-5WG-R (Wide Terminal) |
| :--- | :--- | :--- |
| **Heat Dissipation** | Moderate | Superior (via wider contact area) |
| **Solder Joint Strength** | Standard | High (resistant to vibration/thermal shock) |
| **Inductance** | Moderate | Very Low (due to geometry) |
- ⤷
What is the exact resistance value and tolerance for the 'R' suffix in this part number?
- ⤷ Can you provide the physical dimensions or footprint size for the KWMS2-5WG-R?
- ⤷ What is the recommended PCB layout for optimal heat dissipation for this 5W resistor?