KWMS2-FA-R/K
AI

The **KWMS2-FA-R/K** refers to a high-precision, miniature linear motion system component, typically a slider or carriage unit from the **IKO Nippon Thompson** linear way series. These parts are integral to the mechatronics and electronic assembly industries.
---
### 1. Technical Specifications
The "KWMS" series represents a miniature linear guide made of stainless steel, designed for high corrosion resistance and precision.
| Feature | Specification Details |
| :--- | :--- |
| **Series** | KWMS (Miniature Linear Way) |
| **Size** | 2 (Ultra-miniature rail width) |
| **Material** | Stainless Steel (High durability) |
| **Ball Retention** | Retained type (balls won't fall out easily) |
| **Shape** | FA (Standard length, wide flange type) |
| **Accuracy Class** | R (Standard) or K (Special precision) |
---
### 2. Key Electronic & Mechanical Characteristics
#### A. Miniaturization
As a "Size 2" component, this is one of the smallest linear guides available. It is specifically designed for:
* **Semiconductor manufacturing:** Moving delicate wafers.
* **Medical devices:** Precision dosing or scanning equipment.
* **Hard Disk Drive (HDD) assembly:** High-speed, micro-positioning.
#### B. Material Properties (Stainless Steel)
The electronics industry often requires **Cleanroom Compatibility**.
* **Low Outgassing:** The stainless steel construction and specialized greases minimize chemical discharge.
* **Corrosion Resistance:** Ideal for environments where electronic components are etched or cleaned with chemicals.
#### C. Smooth Motion & Low Noise
The internal recirculating steel balls are engineered for minimal friction. In electronic sensors or optical pick-ups, this prevents "jitter" or mechanical noise that could interfere with signal processing.
---
### 3. Application Examples
In the context of electronic systems, the KWMS2-FA-R/K is commonly used in:
1. **Pick-and-Place Machines:** Carrying micro-chips to PCB boards.
2. **Optical Inspection:** Moving cameras or lasers over a circuit board at precise increments.
3. **Laboratory Automation:** Moving micro-pipettes in automated diagnostic tools.
---
### 4. Part Number Breakdown (Nomenclature)
```text
KWMS 2 - FA - R / K
| | | | |
| | | | +-- Special Code (Precision/Custom)
| | | +------ Accuracy Class (Standard/High)
| | +----------- Carriage Shape (Flange Type)
| +---------------- Size (2mm Rail Width)
+-------------------- Series Name (Miniature Linear Way)
```
- ⤷
What are the load capacity limits for the KWMS2 series?
- ⤷ How does 'Size 2' compare to standard industrial linear guides?
- ⤷ What type of lubrication is recommended for use in electronic cleanrooms?