KWMS2-ZA-R
AI

The **KWMS2-ZA-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch** or a specific connector/switch interface used in high-precision electronic assemblies.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The KWMS series is known for its miniature footprint and reliability in consumer electronics.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch / Micro-Switch |
| **Mounting Type** | Surface Mount Technology (SMT/SMD) |
| **Actuation Type** | Side-push or Top-push (depending on orientation) |
| **Operating Force** | Typically 1.6N to 2.4N |
| **Contact Material** | Silver-plated or Gold-plated Copper Alloy |
---
### 2. Electrical Characteristics
These parameters define how the part performs within a circuit:
* **Contact Resistance:** Usually $\le 100m\Omega$. Low resistance ensures minimal signal loss during actuation.
* **Insulation Resistance:** $\ge 100M\Omega$ at 100V DC. This prevents leakage current between terminals.
* **Dielectric Strength:** Capable of withstanding ~250V AC for one minute without breakdown.
* **Rating:** Typically rated for **12V DC at 50mA**, making it suitable for logic-level switching rather than power handling.
---
### 3. Physical & Mechanical Properties
The "ZA-R" suffix often refers to specific packaging and positioning pin configurations:
* **Dimensions:** Extremely compact (often roughly $3mm \times 2mm$), designed for high-density PCB layouts.
* **Durability:** Rated for approximately 100,000 to 500,000 cycles.
* **Operating Temperature:** $-20^{\circ}C$ to $+70^{\circ}C$, allowing for use in standard consumer environments.
* **Packaging (-R):** The "R" usually denotes **Tape and Reel** packaging, which is essential for automated pick-and-place assembly lines.
---
### 4. Common Applications
Due to its small size and tactile feedback, the KWMS2-ZA-R is frequently found in:
1. **Wearable Devices:** Smartwatches and fitness trackers.
2. **Mobile Communication:** Volume or power buttons for smartphones.
3. **Portable Medical Tools:** Handheld diagnostic equipment.
4. **IoT Modules:** Reset buttons or user-input triggers on miniature PCBs.
---
### 5. Circuit Symbol & Integration
In a schematic, this part is represented as a standard SPST (Single Pole Single Throw) Normally Open switch.
```circuit
[Terminal 1] ----/ ---- [Terminal 2]
(Push to Close)
```
---
- ⤷What is the exact footprint size for the KWMS2-ZA-R PCB layout?
- ⤷ Are there waterproof (IP-rated) versions of the KWMS series?
- ⤷ What is the recommended reflow soldering profile for this SMT component?