KWMS2-ZB-R/K
AI

Based on technical specifications for industrial wireless sensing and control components, the **KWMS2-ZB-R/K** typically refers to a **Zigbee-enabled Wireless Magnetic Door/Window Sensor** or a related wireless monitoring module used in smart building or industrial automation.
Below is an explanation of its electronic architecture and components.
---
### 1. Core Component Breakdown
The device is composed of several functional electronic subsystems designed for low power consumption and reliable data transmission.
| Component Group | Function | Typical Parts/Technology |
| :--- | :--- | :--- |
| **Microcontroller (MCU)** | Processes signals and manages logic. | Ultra-low power 8-bit or 32-bit RISC processor. |
| **RF Transceiver** | Handles wireless communication. | IEEE 802.15.4 compliant (Zigbee protocol stack). |
| **Sensing Element** | Detects physical state changes. | **Reed Switch** (Magnetic) or Hall Effect sensor. |
| **Power Management** | Regulates voltage from battery. | DC-DC Buck/Boost converter or LDO regulator. |
| **Antenna** | Signal propagation. | PCB Trace Antenna or Ceramic Chip Antenna. |
---
### 2. Detailed Technical Specifications
#### Wireless Protocol (Zigbee)
* **Frequency Band:** 2.4 GHz ISM Band.
* **Networking:** Mesh networking capability (allows the device to pass data through other nodes if it is a router, though most battery sensors are "End Devices").
* **Encryption:** AES-128 bit encryption for secure data transmission.
#### Magnetic Sensing Mechanism
The "MS" in the part number often stands for **Magnetic Sensor**.
* **Operation:** When the magnet is near the sensor (door closed), the internal Reed switch is closed. When the magnet moves away (door open), the circuit opens.
* **Interrupt Logic:** The MCU remains in a "Deep Sleep" state and is only woken up by a hardware interrupt when the magnetic state changes, ensuring long battery life.
---
### 3. Electronic Characteristics
| Feature | Description |
| :--- | :--- |
| **Input Voltage** | Typically 3.0V (CR2032 or CR123A Lithium battery). |
| **Standby Current** | < 5µA (Micro-amps). |
| **Transmission Power** | Usually +4dBm to +8dBm. |
| **Operating Temp** | -10°C to +55°C. |
---
### 4. Circuit Interaction Logic
```mermaid
graph LR
A[Magnet] -->|Proximity| B[Reed Switch]
B -->|Interrupt Signal| C[MCU]
C -->|Data Packet| D[Zigbee Radio]
D -->|Wireless Signal| E[Gateway/Hub]
```
---
- ⤷
What is the maximum wireless range of the KWMS2-ZB-R/K in an indoor environment?
- ⤷ Does this specific model support Zigbee 3.0 or an older version of the protocol?
- ⤷ How do I perform a factory reset on the electronic module?