KWMS2-ZZ-R
AI

The **KWMS2-ZZ-R** is a specific model of a **Miniature Linear Guide** (specifically a wide-type slide rail) manufactured by **IKO Nippon Thompson**. While these are primarily mechanical components, they are critical in the assembly of high-precision electronic manufacturing equipment.
---
### 1. Technical Specifications
The "KWMS" series belongs to the C-Lube Linear Way ML series, which features built-in lubrication.
| Feature | Specification / Description |
| :--- | :--- |
| **Model Series** | KWMS (Wide Miniature Type) |
| **Size** | 2 (Ultra-miniature rail width) |
| **Material** | Stainless Steel (Corrosion resistant) |
| **Seal Type** | ZZ (End seals on both sides) |
| **Preload** | R (Standard preload / precision class) |
| **Lubrication** | C-Lube (Long-term maintenance-free) |
---
### 2. Electronic Industry Applications
Although the part itself is a mechanical bearing, it is used in the following electronic contexts:
* **Semiconductor Manufacturing:** Used in wafer handling robots where high precision and low particle generation (cleanroom compatibility) are required.
* **Pick-and-Place Machines:** Found in the high-speed heads that mount SMD components (resistors, capacitors, ICs) onto PCBs.
* **Medical Electronics:** Used in miniature diagnostic equipment and precision scanning devices.
* **Hard Disk Drive (HDD) Assembly:** Used in the ultra-fine positioning required for head-stack assemblies.
---
### 3. Key Electronic-Related Benefits
#### A. Cleanroom Compatibility
Because this model uses **C-Lube** technology, the lubricant is impregnated into a capillary solid. This significantly reduces oil mist and leakage, making it ideal for environments where electronic components could be contaminated by traditional liquid grease.
#### B. Anti-Static and Corrosion Resistance
Made of **Stainless Steel**, the KWMS2-ZZ-R is resistant to oxidation and can be integrated into systems requiring grounding to prevent Electrostatic Discharge (ESD) that could destroy sensitive microchips.
#### C. Miniaturization
As electronic devices shrink, the machinery building them must also shrink. The "Size 2" designation indicates an extremely small footprint, allowing for the design of compact electronic assembly modules.
---
### 4. Part Number Breakdown
To better understand the component's "parts":
```text
KWMS 2 - ZZ - R
| | | |
| | | +-- Preload/Precision Code
| | +--------- End Seals (Dust protection)
| +--------------- Size (2mm rail width)
+-------------------- Miniature Wide Linear Way (Stainless)
```
- ⤷
What are the load capacity limits for the KWMS2-ZZ-R?
- ⤷ How does the C-Lube system extend the lifespan of electronic assembly machines?
- ⤷ Are there specific ESD-safe lubricants recommended for this linear guide?