Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KWRS-4DA-R

  • AI
    The **KWRS-4DA-R** is a specific electronic component, typically categorized as a **Digital-to-Analog Converter (DAC) Module** or a specialized **Analog Output Expansion Unit** used in industrial automation (specifically within the Kinco or similar PLC ecosystems). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Functional Overview The primary purpose of this module is to convert digital signals from a Central Processing Unit (CPU/PLC) into precise analog voltage or current signals to control external devices like Variable Frequency Drives (VFDs), proportional valves, or actuators. | Feature | Specification Details | | :--- | :--- | | **Output Channels** | 4 Channels | | **Signal Type** | Analog (Voltage / Current) | | **Conversion Method** | Digital-to-Analog (D/A) | | **Resolution** | Usually 12-bit or 16-bit (depending on series) | | **Isolation** | Optocoupler isolation between internal bus and I/O | --- ## 2. Electronic Specifications These parameters define the electrical limits and performance of the module. ### A. Output Ranges The module typically supports the standard industrial signal ranges, often selectable via software or wiring: * **Voltage:** 0~5V, 0~10V, -10~+10V. * **Current:** 0~20mA, 4~20mA. ### B. Power & Load Requirements * **External Power Supply:** Usually 24V DC (±15%). * **Current Load Resistance:** Typically $\leq$ 500 $\Omega$. * **Voltage Load Resistance:** Typically $\geq$ 1 k$\Omega$. ### C. Precision and Speed * **Total Accuracy:** $\pm$ 0.5% to 1% of full scale. * **Conversion Speed:** < 1ms per channel. --- ## 3. Physical & Wiring Interface The "R" in the suffix often denotes a specific revision or a "Relay/Terminal" style connectivity depending on the manufacturer's naming convention. ### Terminal Mapping (Typical) | Terminal Label | Description | | :--- | :--- | | **V+ / VI+** | Positive Analog Output (Voltage/Current) | | **COM / V-** | Common / Ground Reference | | **24V / 0V** | External DC Power Input | | **FG** | Frame Ground (Shielding) | --- ## 4. Protection Circuits To ensure longevity in harsh industrial environments, the KWRS-4DA-R incorporates several electronic protection layers: 1. **Surge Protection:** Protects internal circuits against voltage spikes on the analog lines. 2. **Short-Circuit Protection:** Prevents damage if the voltage output terminals are shorted to ground. 3. **Reverse Polarity Protection:** Protects the module if the 24V DC input is wired backward. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific bit resolution for the KWRS-4DA-R digital-to-analog conversion?
    • ⤷ How do I configure the output between voltage and current modes in the software?
    • ⤷ Does this module support Modbus communication directly or does it require a PLC backplane?