KWSBS-15DA-R
AI

The **KWSBS-15DA-R** is a high-performance **Solid State Relay (SSR)** typically used in industrial automation for switching AC loads. Unlike traditional electromechanical relays, it uses semiconductor switching (Triacs or Thyristors), resulting in faster response times and a longer lifespan.
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | KWSBS-15DA-R |
| **Control Voltage (Input)** | 3 - 32V DC |
| **Load Voltage (Output)** | 24 - 480V AC |
| **Rated Load Current** | 15 Amperes |
| **Switching Type** | Zero Cross Switching |
| **Dielectric Strength** | 2500V AC |
| **Insulation Resistance** | 1000MΩ / 500V DC |
---
### ### Key Electronic Components & Features
1. **Optical Isolation (Optocoupler):**
The input (DC side) and output (AC side) are electronically isolated using light. This protects the low-voltage controller (like a PLC or Arduino) from high-voltage spikes on the AC line.
2. **Zero-Cross Trigger Circuit:**
The relay is designed to turn "ON" only when the AC sine wave passes through the zero-voltage point. This minimizes **Electromagnetic Interference (EMI)** and reduces stress on the load.
3. **Output Switching Element:**
It utilizes a high-power **TRIAC** or back-to-back **SCRs** (Silicon Controlled Rectifiers) to handle the 15A current flow.
4. **LED Status Indicator:**
Includes a built-in LED that illuminates when the input signal is active, allowing for easy visual troubleshooting.
---
### ### Typical Applications
* **Heating Control:** PID control for electric furnaces and ovens.
* **Motor Control:** Small AC motors and fans.
* **Lighting Systems:** Large-scale commercial lighting switching.
* **Packaging Machinery:** Frequent switching where mechanical contacts would wear out too quickly.
---
### ### Installation Note
Because this is a **15A** device, it generates heat during operation. It is highly recommended to mount the KWSBS-15DA-R onto a **Heatsink** with thermal grease to prevent thermal runaway and premature component failure.
- ⤷
What is the difference between Zero-Cross and Random switching in SSRs?
- ⤷ Does this model require a specific type of heatsink for 15A operation?
- ⤷ Can I use this relay to control a DC motor instead of an AC load?