KWSBS-15DB-R
AI

The **KWSBS-15DB-R** is a specific model of a **Rocker Switch**. Based on standard electronic component nomenclature (often associated with manufacturers like Canal or similar industrial switch suppliers), this part is designed for power control in household appliances and industrial equipment.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic and physical characteristics for this component:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Circuit Configuration** | SPST (Single Pole, Single Throw) or SPDT |
| **Current Rating** | Typically 15A @ 125VAC / 10A @ 250VAC |
| **Contact Resistance** | < 50mΩ |
| **Insulation Resistance** | > 100MΩ (500VDC) |
| **Dielectric Strength** | 1500VAC for 1 minute |
| **Operating Temperature** | -25°C to +85°C |
| **Mechanical Life** | > 10,000 Cycles |
---
### 2. Part Number Breakdown
The alphanumeric code provides specific details about the build:
* **KWSBS**: The series designation (Snap-in miniature/standard rocker).
* **15**: Generally refers to the maximum amperage (15 Amps).
* **DB**: Often indicates the physical housing shape or the terminal type (Double Bottom or specific Quick-Connect tabs).
* **R**: Usually stands for **Red**, indicating the color of the actuator (the part you press). In many models, this also implies the switch is **Illuminated**.
---
### 3. Key Electronic Components & Materials
* **Actuator (Rocker):** Made of Polycarbonate (PC) or Nylon 66. If it is the "R" (Red) version, it often contains a small **Neon Lamp** or **LED** and a current-limiting resistor inside to provide status lighting.
* **Terminals:** Brass with silver or tin plating to ensure high conductivity and prevent oxidation. These are typically **4.8mm or 6.3mm Quick-Connect** lugs.
* **Contacts:** Silver Alloy ($\text{AgSnO}_2$ or $\text{AgNi}$). Silver is used because of its excellent electrical conductivity and resistance to "welding" under high-current arcs.
* **Spring Mechanism:** A high-tension copper alloy or steel leaf spring that provides the "snap" action to minimize arcing.
---
### 4. Typical Wiring Diagram
For an illuminated version (R), there are usually 3 pins:
```text
Pin 1: Line In (Hot)
Pin 2: Load Out (To device)
Pin 3: Neutral (For the internal lamp only)
```
- ⤷
What is the cutout dimension required for mounting the KWSBS-15DB-R?
- ⤷ Does this switch support DC voltage applications
- ⤷ and at what rating?
- ⤷ How do I wire the 3rd pin if I don't want the light to turn on?