KWSBS-162A-R
AI

The **KWSBS-162A-R** is a specific model of a **Battery Protection IC** (Integrated Circuit), typically utilized in the design of Lithium-ion or Lithium-polymer battery packs. It acts as the "brain" for a Protection Circuit Module (PCM).
Below is a detailed breakdown of its electronic components and characteristics.
---
### 1. General Specifications
This IC is designed to monitor battery voltage and current to prevent damage caused by improper charging or discharging.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Battery Protection IC |
| **Battery Chemistry** | Lithium-Ion / Lithium-Polymer |
| **Cell Count** | Typically 1-Cell (1S) configuration |
| **Package Type** | SOT-23-6 or similar small-form-factor SMD |
| **Primary Function** | Overcharge, Over-discharge, and Overcurrent protection |
---
### 2. Internal Electronic Functional Blocks
The IC contains several sub-circuits that work together to manage the battery's safety:
* **Voltage Detectors:** High-precision comparators that constantly monitor the cell voltage against internal reference voltages.
* **Delay Circuits:** Internal logic that ensures protection is not triggered by momentary noise or transient spikes (prevents "nuisance" tripping).
* **Level Shifters:** Components that translate internal logic signals into gate-drive voltages for external MOSFETs.
* **Low Current Consumption Logic:** Designed to draw minimal power (μA range) to prevent the protection circuit itself from draining the battery.
---
### 3. Key Protection Parameters
The "162A" suffix in the part number often dictates specific threshold values. While exact datasheets vary by manufacturer (like King-Wall or similar vendors), the typical logic is as follows:
| Protection Mode | Action Taken |
| :--- | :--- |
| **Overcharge (OVP)** | Disconnects the charging path if voltage exceeds ~4.25V - 4.35V. |
| **Over-discharge (UVP)** | Disconnects the load if voltage drops below ~2.4V - 3.0V. |
| **Overcurrent (OCP)** | Shuts down the circuit if the discharge current exceeds a safe limit. |
| **Short Circuit** | Instantaneous shutdown in the event of a direct short. |
---
### 4. Typical Application Circuit
In a real-world electronic assembly, the KWSBS-162A-R does not work alone. It is usually paired with the following external parts:
1. **Dual MOSFET (N-Channel):** The IC controls these "switches" to physically connect or disconnect the battery from the terminals.
2. **Resistors (R1, R2):** Used for current sensing and input protection for the VDD pin.
3. **Capacitor (C1):** Placed across VDD and VSS to filter power supply noise and ensure stable voltage monitoring.
```mermaid
graph LR
BATT+ --> Load+
BATT- --> MOSFET_Switch
MOSFET_Switch --> Load-
KWSBS-162A-R -- Controls --> MOSFET_Switch
```
---
- ⤷
What are the specific overcharge and over-discharge voltage thresholds for the 162A-R variant?
- ⤷ Which external N-channel MOSFETs are most commonly paired with this IC?
- ⤷ How does the 'R' suffix in the part number affect its environmental compliance (e.g.
- ⤷ RoHS)?