Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KWSBS-23B-R

  • AI
    The **KWSBS-23B-R** is a specific model of a **Rocker Switch**. These components are widely used in consumer electronics, power strips, and industrial equipment to manually connect or disconnect an electrical circuit. Below is a detailed breakdown of its electronic specifications and physical characteristics. ### 1. General Specifications The KWSBS series is typically characterized by its compact design and high reliability for AC power switching. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Operation** | ON - OFF | | **Current Rating** | 6A to 10A (Depending on Voltage) | | **Voltage Rating** | 125VAC / 250VAC | | **Contact Resistance** | $\leq$ 50m$\Omega$ | | **Insulation Resistance** | $\geq$ 100M$\Omega$ | | **Dielectric Strength** | 1500VAC / 1 minute | --- ### 2. Physical & Material Composition The parts that make up the KWSBS-23B-R are designed for durability and heat resistance. * **Housing:** Usually made of **Nylon 66 (UL 94V-2)**, which provides excellent insulation and heat resistance. * **Actuator (Button):** The "R" in the suffix often indicates a **Red** color or a specific shape. It is typically made of PC (Polycarbonate) or Nylon. * **Terminals:** Silver-plated brass. These are designed for either soldering or quick-connect "spade" connectors. * **Contacts:** Silver alloy to minimize electrical arcing and extend the mechanical life of the switch. --- ### 3. Key Electronic Components Internally, the switch functions through a mechanical "seesaw" mechanism: 1. **Moving Armature:** A metal piece that pivots when the button is pressed. 2. **Spring Mechanism:** Provides the "snap" action and ensures the contacts stay firmly pressed together to reduce resistance. 3. **Stationary Contacts:** The fixed points where the electricity flows out to the rest of the device. --- ### 4. Wiring Diagram (SPST) Since this is a standard ON-OFF switch, it typically features two pins. ```text [ Power Source ] ---- [ Terminal 1 ] (Switch) [ Terminal 2 ] ---- [ Load/Device ] ``` --- ### 5. Common Applications * **Home Appliances:** Coffee makers, vacuum cleaners, and fans. * **Power Tools:** Bench grinders or small drills. * **Office Equipment:** Printers and monitors. * **DIY Projects:** Used as a main power toggle for electronic enclosures.
    ✨ Follow-up Questions
    • ⤷ What is the mechanical life expectancy of the KWSBS-23B-R switch?
    • ⤷ Does this specific model include an internal LED or neon lamp indicator?
    • ⤷ What are the exact panel cutout dimensions for mounting this switch?