AI

Based on your inquiry, the **KWSBS-2BB-R** is a specific model within a series of **Tactile Switches** (often referred to as tact switches). These are commonly used as input buttons in consumer electronics, automotive controls, and industrial interfaces.
---
### Technical Specifications
The "KWSBS" series typically features a side-actuated design. Below is a breakdown of the electronic and mechanical characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | Tactile Switch (Push Button) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Orientation** | Right Angle (Side Actuated) |
| **Circuitry** | SPST - NO (Single Pole Single Throw - Normally Open) |
| **Contact Rating** | Typically 50mA @ 12VDC |
| **Operating Force** | Usually 160gf to 250gf (grams-force) |
| **Travel** | ~0.25mm |
| **Color/Finish** | Black body, typically with a Red (R) actuator or packaging indicator |
---
### Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature usually follows this logic:
1. **KWSBS**: The Series prefix (indicating a small-form-factor side-push switch).
2. **2**: Often refers to the physical dimensions or specific height profile.
3. **BB**: Typically refers to the terminal plating or base material (e.g., Brass/Bronze with Silver or Gold plating).
4. **R**: Generally stands for **Tape & Reel** packaging (for automated assembly) or designates a **Red** actuator button.
---
### Key Features and Applications
#### 1. Mechanical Robustness
These switches are designed for a high lifecycle (often 50,000 to 100,000 cycles). The "Right Angle" design allows the button to be pressed from the edge of a PCB, which is ideal for side-mounted buttons on devices like smartphones or remote controls.
#### 2. Electronic Feedback
As a tactile switch, it provides "clicky" physical feedback to the user, ensuring they know the contact has been bridged electrically.
#### 3. Common Uses
* **Consumer Electronics:** Volume buttons, power switches on handheld devices.
* **Wearables:** Side buttons on smartwatches or fitness trackers.
* **Automotive:** Dash buttons or steering wheel controls.
---
### Electrical Circuit Diagram
In its default state, the circuit is open. When pressed, the internal dome collapses to connect the two terminals.
```text
[ Terminal 1 ]
|
-------/ ------- (Switch Open)
|
[ Terminal 2 ]
```
- ⤷
What are the exact physical dimensions (footprint) of the KWSBS-2BB-R?
- ⤷ Is this switch available in different operating forces (gf ratings)?
- ⤷ What is the recommended soldering profile for this SMD component?