AI

The **KWSBS-34B-R** is a specific electronic component, typically categorized as a **Tactile Switch** or a **Push Button Switch**, often used in consumer electronics, automotive interfaces, and industrial controls.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. Key Technical Specifications
The "KWSBS" series is generally characterized by its compact form factor and specific actuation force.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Switch Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Through-hole or Surface Mount (model dependent) |
| **Contact Rating** | 50mA, 12V DC |
| **Insulation Resistance** | 100MΩ Min at 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Force** | 160gf to 250gf (typical) |
| **Travel (Stroke)** | 0.25mm ± 0.1mm |
| **Operating Life** | 50,000 to 100,000 cycles |
---
### 2. Physical Characteristics
The nomenclature often describes the physical dimensions and the "R" suffix usually denotes the packaging or a specific physical orientation.
* **Compact Design:** These switches are designed for high-density PCB mounting.
* **Tactile Feedback:** Provides a distinct "click" sensation to the user, ensuring the input has been registered.
* **Durability:** Built with silver-plated contacts to prevent oxidation and ensure long-term electrical conductivity.
---
### 3. Pin Configuration & Internal Circuit
Most switches in this category utilize a **SPST (Single Pole Single Throw)** configuration.
```mermaid
graph LR
A[Pin 1] --- B((Switch))
B --- C[Pin 2]
style B fill:#f9f,stroke:#333,stroke-width:2px
```
*Note: In 4-pin versions, pins 1-2 and 3-4 are usually internally connected.*
---
### 4. Common Applications
Due to its reliability and small footprint, the KWSBS-34B-R is found in:
1. **Consumer Electronics:** Remote controls, microwave panels, and audio equipment.
2. **Computing:** Reset buttons or power buttons on motherboards and peripherals.
3. **Industrial:** Interface panels for PLC (Programmable Logic Controllers).
4. **Medical Devices:** Control interfaces for portable diagnostic tools.
---
### 5. Soldering Recommendations
To maintain the integrity of the internal plastic components, adhere to the following:
* **Hand Soldering:** 350°C Max for 3 seconds.
* **Wave Soldering:** 260°C Max for 5 seconds.
- ⤷
What is the exact footprint measurement (mm) for the KWSBS-34B-R?
- ⤷ Does the 'R' suffix indicate 'RoHS compliant' or 'Tape and Reel' packaging?
- ⤷ Can this switch handle AC voltage applications?