AI

The **KWSBS-3BA-R/Q** is a specific model within the series of high-precision current sensing resistors, typically manufactured by companies like **KOA Speer**. These components are "Shunt Resistors" designed for high-current detection in automotive and industrial power applications.
---
### 1. Part Number Breakdown
The nomenclature reveals the specific electronic characteristics of the component:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **KWS** | Series Name | High-precision, low-resistance metal plate shunt. |
| **BS** | Construction | Bulk Metal/Solid Type (often used for high heat dissipation). |
| **3BA** | Size/Power | 3 Watts power rating (usually 2512 or similar large footprint). |
| **R/Q** | Resistance/TOL | Indicates the resistance value (e.g., 1 mΩ) and Tolerance (±1%). |
---
### 2. Key Technical Specifications
These parts are engineered for stability under high-load conditions.
* **Resistance Range:** Extremely low, typically between **0.5mΩ to 5mΩ**.
* **Power Rating:** Up to **3 Watts** (depending on the PCB thermal management).
* **TCR (Temperature Coefficient of Resistance):** Very low (e.g., ±50ppm/°C to ±75ppm/°C), ensuring the resistance doesn't change significantly as the part heats up.
* **Operating Temperature:** Typically rated for **-65°C to +170°C**.
* **Tolerance:** Available in ±1%, ±2%, or ±5%.
---
### 3. Structural Features
The "R/Q" variant often refers to the **Copper-Manganese (Cu-Mn)** or **Copper-Nickel (Cu-Ni)** alloy construction.
* **Metal Plate Element:** Instead of a thin film, it uses a solid piece of alloy to handle massive surges of current without melting.
* **AEC-Q200 Qualified:** These parts are almost always automotive grade, meaning they can withstand high vibration and thermal cycling.
* **Low Inductance:** The flat, solid construction minimizes parasitic inductance, which is critical for high-speed switching power supplies.
---
### 4. Typical Applications
The KWSBS series is found in circuits where monitoring the "flow" of electricity is essential for safety or control:
1. **BMS (Battery Management Systems):** Monitoring the charge/discharge current of Lithium-ion batteries in EVs.
2. **Motor Controllers:** Providing feedback to the inverter to manage motor torque and speed.
3. **DC-DC Converters:** Sensing output current to prevent overcurrent damage.
4. **Power Inverters:** Used in solar or wind power systems to measure AC/DC conversion efficiency.
---
- ⤷What is the exact resistance value for the R/Q suffix in this specific series?
- ⤷ How does the power rating change based on terminal temperature?
- ⤷ What are the recommended PCB layout footprints for 3W shunt resistors?