KWTS-2CB-R
AI

The **KWTS-2CB-R** is a specific type of **rocker switch**, commonly used in consumer electronics and small household appliances. It is designed for simple "On/Off" or "On/Off/On" circuit control.
---
### 1. Key Technical Specifications
Below are the typical electrical and mechanical characteristics for the KWTS series:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Contact Configuration** | SPST (Single Pole Single Throw) or SPDT |
| **Voltage Rating** | 125V / 250V AC |
| **Current Rating** | 6A to 10A (Depending on specific load) |
| **Insulation Resistance** | $\ge 100M\Omega$ |
| **Contact Resistance** | $\le 50m\Omega$ |
| **Dielectric Strength** | 1500V AC / 1 minute |
| **Operating Life** | $\ge 10,000$ cycles |
---
### 2. Physical Design & Components
The part number breakdown typically refers to the physical footprint and terminal style:
* **Actuator:** The "rocker" part (often black or red) that the user presses.
* **Housing:** Usually made of Polyamide (Nylon 66), which is heat-resistant and durable.
* **Terminals:** Copper alloy, often silver-plated to ensure high conductivity and prevent oxidation.
* **Mounting:** Snap-in design, allowing it to be pushed into a rectangular panel cutout without screws.
---
### 3. Connection Diagram (Standard SPST)
Most switches in this series use two or three pins. Here is how they are typically wired:
```text
[ Power Source ] ---- (Pin 1) [ Switch ] (Pin 2) ---- [ Load/Device ]
```
* **Pin 1:** Line In (Hot wire from power source).
* **Pin 2:** Line Out (To the motor, light, or heater).
* **Pin 3 (If present/Illuminated):** Neutral (To power the internal LED/Neon lamp).
---
### 4. Common Applications
* **Small Appliances:** Toasters, coffee makers, and vacuum cleaners.
* **Power Strips:** Used as the main reset or power toggle.
* **Industrial Equipment:** Control panels for small machinery.
* **DIY Electronics:** Power control for bench power supplies or enclosures.
- ⤷
What is the exact panel cutout size required for the KWTS-2CB-R?
- ⤷ Does this specific model include an internal illumination lamp?
- ⤷ What is the maximum temperature rating for the housing material?