AI

The **KWTS-53D-R** is a specific model of a **Tactile Switch** (also known as a push-button switch). These components are widely used in consumer electronics, industrial controls, and peripheral devices to provide user input through a physical "click" sensation.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
The KWTS series generally follows standard industry footprints for micro-switches.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Tactile Switch (SPST - Single Pole Single Throw) |
| **Action** | Momentary (Normally Open) |
| **Mounting Type** | Through-Hole (DIP) or SMD (depends on specific suffix) |
| **Operating Force** | 160gf to 250gf (Standard tactile feel) |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ (100V DC) |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Life Cycle** | 50,000 to 100,000 cycles |
---
### 2. Physical Construction
The part number indicates a specific physical configuration:
* **Actuator (Button):** Usually made of high-temperature thermoplastic (e.g., PPA or Nylon).
* **Base:** Insulating plastic housing that holds the terminals.
* **Contact Dome:** A stainless steel or phosphor bronze "snap" dome that provides the electrical connection and the tactile "click."
* **Terminals:** Silver-plated brass for high conductivity and ease of soldering.
---
### 3. Electronic Functionality
The KWTS-53D-R functions as a **Normally Open (NO)** switch.
1. **Rest State:** The internal metal dome is held away from the base contact. The circuit is open.
2. **Pressed State:** When pressure is applied to the actuator, the dome collapses and touches the base contact. This completes the circuit.
3. **Release:** The dome's elasticity causes it to "spring back," breaking the connection and pushing the button up.
---
### 4. Application Examples
Because of its small footprint and reliability, the KWTS-53D-R is commonly found in:
* **Computer Peripherals:** Mice, keyboard function keys.
* **Household Appliances:** Microwave start buttons, washing machine panels.
* **Consumer Electronics:** Remote controls, digital cameras, and handheld toys.
* **Industrial:** Reset buttons on PCBs and interface panels.
---
- ⤷
What are the exact dimensions of the KWTS-53D-R footprint?
- ⤷ How does the 'R' suffix change the component's packaging or orientation?
- ⤷ Can this switch be used in high-voltage power applications?