AI

The **KWTS-62B-R** is a specific model of a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, automotive interfaces, and industrial controls due to their small footprint and tactile feedback.
---
## 1. Technical Specifications
Below are the typical electronic and physical specifications for the KWTS-62B-R series:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Through-hole (DIP) |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Operating Force** | 160gf ± 50gf (Standard) |
| **Contact Rating** | 50mA, 12V DC |
| **Insulation Resistance** | 100MΩ min. at 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Travel (Stroke)** | 0.25mm ± 0.1mm |
---
## 2. Component Structure
The "B-R" designation usually refers to specific physical attributes:
* **KWTS-62:** Refers to the series size, typically **6x6mm** square base.
* **B:** Often denotes the height of the plunger (stem). In this series, "B" usually corresponds to a specific height (e.g., 5.0mm), though this can vary by manufacturer.
* **R:** Generally signifies **Red** actuator color or **RoHS** compliance, depending on the specific vendor's datasheet.
### Internal Parts:
1. **Cover:** Metal plate protecting the internal mechanism.
2. **Contact Dome:** A circular metal disc that provides the "click" feel and completes the circuit when pressed.
3. **Base:** Heat-resistant plastic (usually LCP or PPA).
4. **Terminals:** Four pins (internally connected in pairs) for PCB mounting.
---
## 3. Circuit Diagram
The switch functions as a simple bridge. When the button is pressed, the internal dome collapses and connects the input pins to the output pins.
```text
Pin 1 ----| |---- Pin 2
| | <-- Internal Connection
Pin 3 ----| |---- Pin 4
```
*Note: Usually, Pin 1-2 are connected and Pin 3-4 are connected internally. Pressing the switch connects 1-2 to 3-4.*
---
## 4. Common Applications
* **Computer Peripherals:** Reset buttons, power buttons.
* **Household Appliances:** Microwave panels, washing machine controls.
* **Instrumentation:** Digital multimeters, oscillators.
* **Consumer Electronics:** Remote controls, toys.
---
- ⤷
What is the exact height of the plunger for the 'B' variant of this switch?
- ⤷ Can this switch be used for AC mains power switching?
- ⤷ What are the recommended soldering temperatures for the KWTS-62B-R?