AI

The **KWVS2-2CB-R** is a specific electronic component typically categorized as a **Vibration Sensor** or **Tilt Switch**. It is designed to detect mechanical motion, vibration, or changes in orientation using a non-mercury based mechanism.
---
### 1. Technical Specifications
Below are the general characteristics typically associated with this series of sensors:
| Feature | Specification |
| :--- | :--- |
| **Type** | Rolling Ball / Spring Vibration Sensor |
| **Contact Type** | Normally Open (NO) or Momentary Close |
| **Operating Voltage** | Typically < 12V DC |
| **Current Rating** | < 20mA |
| **Life Expectancy** | > 100,000 cycles |
| **Housing Material** | Plastic (PBT/ABS) or Metal |
| **Lead Finish** | Tin Plated / Gold Plated |
---
### 2. Internal Mechanism and Working Principle
The "KWVS" series usually operates using a **rolling ball mechanism**:
1. **State of Rest:** Inside the housing, a small conductive ball rests away from the contact pins (Circuit Open).
2. **State of Motion:** When the device is shaken or tilted, the ball moves and briefly touches the two internal terminals.
3. **Electrical Output:** This contact completes the circuit for a fraction of a second, creating a pulse or "trigger" signal.
---
### 3. Key Electronic Characteristics
* **Non-Mercury:** Unlike older tilt switches, this model uses a solid metal ball, making it environmentally friendly and compliant with RoHS standards.
* **Omni-directional Sensitivity:** It is designed to trigger regardless of the direction of the vibration, provided the force is strong enough to move the internal mass.
* **Contact Resistance:** When triggered, the resistance drops significantly, but due to "bounce," it is best used with a debouncing circuit or an interrupt pin on a microcontroller.
---
### 4. Typical Applications
* **Anti-theft Alarms:** Detecting when a device or vehicle is moved.
* **Power Saving:** Waking up a remote control or toy when it is picked up.
* **Orientation Sensing:** Simple tilt detection for consumer electronics.
* **Impact Detection:** Logging if a package or product has been dropped.
---
### 5. Implementation Example
When connecting this to a microcontroller (like an Arduino), use a pull-up resistor to ensure a stable logic state.
```cpp
// Basic Arduino code to detect trigger
const int sensorPin = 2; // Connected to KWVS2-2CB-R
void setup() {
pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up
Serial.begin(9600);
}
void loop() {
int sensorVal = digitalRead(sensorPin);
if (sensorVal == LOW) {
Serial.println("Vibration Detected!");
delay(200); // Simple debounce
}
}
```
- ⤷
How do I implement a hardware debouncing circuit for this sensor?
- ⤷ What is the maximum tilt angle required to trigger the KWVS2-2CB-R?
- ⤷ Can this sensor be used for continuous vibration frequency measurement?