KWVS2-ADA-R
AI

The **KWVS2-ADA-R** is a specific model of a **Miniature Wide-Type Linear Guide Way** manufactured by **IKO** (Nippon Thompson). This component is an essential part of precision motion control systems, often found in semiconductor manufacturing, medical equipment, and precision electronics assembly.
Below is a detailed breakdown of the electronic and mechanical specifications of this part.
---
## 1. Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Series** | KWV (C-Lube Linear Way MV) |
| **Size** | 2 (Miniature size) |
| **Material** | Stainless Steel (Corrosion resistant) |
| **Lubrication** | C-Lube (Built-in capillary lubrication system) |
| **Accuracy Class** | High (Precision Grade) |
| **Preload** | Standard or Light Preload (ADA designation) |
---
## 2. Key Component Features
### A. C-Lube Technology
The "C-Lube" element is a porous resin impregnated with lubricant. As the slide moves, it provides a continuous, long-term supply of oil to the rolling elements.
* **Electronic Benefit:** Reduces maintenance frequency in "Clean Room" environments where electronics are manufactured.
* **Longevity:** Can provide maintenance-free operation for up to 20,000km.
### B. Miniaturization (Size 2)
The "2" in the part number indicates a rail width of approximately 2mm. This is critical for:
* **Micro-electronics:** Used in pick-and-place machines for SMD components.
* **Optical Devices:** Precision positioning of lenses or sensors.
### C. Stainless Steel Construction
Since it is made of stainless steel, it prevents rust caused by humidity or chemical exposure, which is vital for maintaining the electrical conductivity and cleanliness of a precision assembly line.
---
## 3. Applications in the Electronics Industry
This part is primarily used in automated machinery that builds electronic devices.
1. **Semiconductor Manufacturing:** Used in wafer handling and inspection systems due to its high precision and low particle generation.
2. **Circuit Board Assembly:** Integrated into the X-Y axes of high-speed mounting machines.
3. **Hard Disk Drive (HDD) Assembly:** Used where extremely smooth motion is required to prevent vibration-induced errors.
4. **Medical Electronics:** Found in automated blood analyzers and liquid handling robots.
---
## 4. Dimensional Data (Reference)
```yaml
Part_Number: KWVS2-ADA-R
Slide_Type: Wide type (Increased moment load capacity)
Track_Rail: Stainless Steel
Rolling_Elements: Two-row configuration (Steel balls)
```
- ⤷
What is the load capacity of the KWVS2-ADA-R compared to standard linear guides?
- ⤷ How does the C-Lube system affect the friction coefficient of the guide?
- ⤷ Is this part compatible with vacuum environments used in semiconductor processing?