Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KWVS2-BAB-R

  • AI
    The **KWVS2-BAB-R** is a specific electronic component, typically categorized as a **Vibration Sensor** or **Tilt Switch**, often used in automotive, industrial, and consumer electronics for motion detection. --- ## 1. Component Overview This part is a **Rolling Ball Vibration Sensor**. It operates as a non-mercury, environmentally friendly switch that opens or closes a circuit based on physical movement or orientation. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Type** | Rolling Ball / Tilt Sensor | | **Contact Rating** | Usually low voltage/current (e.g., 12V DC, 2mA) | | **Operating Angle** | Sensitive to slight tilts or vibrations | | **Environmental** | Lead-free, RoHS Compliant | | **Housing** | Often a sealed metal or plastic cylinder | --- ## 2. Key Electronic Characteristics The internal mechanics of the KWVS2-BAB-R define its behavior in a circuit: * **Mechanism:** Inside the casing, a small conductive ball moves. When the device is tilted or vibrated, the ball makes or breaks contact between two electrodes. * **Contact Resistance:** When "Closed," the resistance is typically below $10 \Omega$. When "Open," it provides high insulation resistance (typically $>10M \Omega$). * **Chatter/Noise:** Because it relies on a physical ball, the signal can be "noisy" (rapidly switching on/off) during vibration. This usually requires a **debouncing circuit** or software filter. --- ## 3. Applications The KWVS2-BAB-R is commonly integrated into the following systems: 1. **Security Systems:** Detecting if a window is being tampered with or if a vehicle is being moved. 2. **Power Management:** Used as a "Wake-up" switch. The device stays in a low-power sleep mode until the sensor detects movement. 3. **Safety Features:** Automatic shut-off for heaters or irons if they tip over. 4. **Toys/Consumer Goods:** Activating lights or sounds when an object is shaken. --- ## 4. Implementation Example To use this sensor with a microcontroller (like an Arduino), you treat it as a digital input with a pull-up resistor. ```cpp // Basic Vibration Detection Code const int sensorPin = 2; // Pin connected to KWVS2-BAB-R void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up Serial.begin(9600); } void loop() { int state = digitalRead(sensorPin); if (state == LOW) { Serial.println("Vibration/Tilt Detected!"); } } ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage and current ratings for the KWVS2-BAB-R?
    • ⤷ Does this sensor require a hardware debouncing circuit for stable readings?
    • ⤷ How does the KWVS2-BAB-R compare to a MEMS accelerometer in terms of power consumption?