AI

The **KYPD-B1M12R-R** is a specific industrial-grade keypad component, typically categorized as a **membrane switch or rugged keypad assembly**. It is widely used in CNC machinery, industrial control panels, and automation interfaces.
---
## 1. Technical Specifications Overview
The following table highlights the core electronic and mechanical parameters of this part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Industrial Keypad / Membrane Switch |
| **Key Count** | Typically 12-key (Numeric + Function) |
| **Switch Technology** | Metal Dome (Tactile Feedback) |
| **Interface** | Matrix (Parallel) or Serial (Model dependent) |
| **Contact Resistance** | < 100 Ω |
| **Operating Voltage** | 5V - 24V DC (Max) |
| **Life Cycle** | ~1 Million Actuations |
| **Protection Rating** | IP65/IP67 (Front face) |
---
## 2. Key Electronic Components
### A. Metal Dome Actuators
Behind the graphic overlay, this part uses **stainless steel domes**. When pressed, the dome collapses to bridge two traces on a Printed Circuit Board (PCB) or flexible circuit, completing the electrical loop. This provides the "click" feeling (tactile feedback) essential for operators wearing gloves.
### B. Matrix Circuitry
To reduce the number of wires required for the connection (I/O pins), the keys are organized in a **Row-Column Matrix**.
* **Rows:** Horizontal signal lines.
* **Columns:** Vertical signal lines.
* *Note:* The "M12" in the part number often refers to the **M12 circular connector** used for the external interface, which is a standard for industrial ruggedness.
### C. Internal Resistors/Diodes
In some variations of the B1M12R series, internal **de-bouncing resistors** or **ESD protection diodes** are integrated to prevent signal noise or static electricity from damaging the connected PLC (Programmable Logic Controller).
---
## 3. Wiring and Connection (Typical Pinout)
Since this part usually utilizes an M12 connector, the pinout is designed for high-vibration environments.
```text
Pin 1: Common / GND
Pin 2: Row 1
Pin 3: Row 2
Pin 4: Row 3
Pin 5: Column 1
Pin 6: Column 2
... (Sequence depends on specific wiring diagram)
```
---
## 4. Application Environments
* **CNC Controllers:** Used for manual data input (MDI).
* **Medical Equipment:** Due to the sealed surface which allows for easy disinfection.
* **Outdoor Kiosks:** Resistant to moisture, dust, and UV exposure.
---
- ⤷
What is the exact pinout diagram for the M12 connector on this keypad?
- ⤷ How do I interface this keypad with an Arduino or PLC?
- ⤷ Is the KYPD-B1M12R-R compatible with RS232 or USB protocols?