KYPD-B4N22R-R
AI

The **KYPD-B4N22R-R** is a specific model of a membrane keypad (frequently used in industrial control panels or consumer appliances). Based on the nomenclature and common specifications for this series, here is the technical breakdown of its electronic parts and characteristics.
---
## 1. Technical Specifications
The device is a matrix-style input interface. Below are the typical electrical and mechanical ratings:
| Feature | Specification |
| :--- | :--- |
| **Circuit Type** | Matrix (Commonly 4x4 or similar) |
| **Max Voltage** | 35V DC |
| **Max Current** | 100mA |
| **Contact Resistance** | < 100 $\Omega$ |
| **Insulation Resistance** | 100M $\Omega$ (at 100V) |
| **Dielectric Strength** | 250 Vrms (60Hz, 1 min) |
| **Actuation Force** | 150 - 400g |
| **Life Expectancy** | ~1 Million cycles |
---
## 2. Key Electronic Components
### A. The Flexible Printed Circuit (FPC)
The "brain" of the keypad is a thin layer of polyester or polyimide film.
* **Conductive Traces:** Silver or carbon ink is screen-printed onto the film to create the electrical paths.
* **Termination:** Usually ends in a **ZIF (Zero Insertion Force)** connector or a female header with a 2.54mm or 1.0mm pitch.
### B. Contact Points (Domes)
To provide tactile feedback and complete the circuit, the KYPD series uses:
* **Metal Domes:** Stainless steel domes that snap when pressed, bridging the gap between two traces on the PCB/FPC.
* **Gold/Silver Plating:** The contact areas are often plated to prevent oxidation and ensure low resistance.
### C. Graphic Overlay
While mostly aesthetic, the overlay is an electronic insulator. It is typically made of **Autotex Polyester** which is resistant to chemicals and wear.
---
## 3. Pinout Logic (Typical Matrix)
Electronic integration usually follows a row-column scanning method. To read a keypress, a microcontroller (like an Arduino or STM32) must be programmed as follows:
```cpp
// Example logic for a 4-pin row scan
digitalWrite(row1, LOW);
if (digitalRead(col1) == LOW) {
// Key at (1,1) is pressed
}
```
---
## 4. Part Number Breakdown (KYPD Series)
| Code | Meaning |
| :--- | :--- |
| **KYPD** | Keypad Series |
| **B4** | Size/Shape Factor (Standard B-Type) |
| **N22** | Specific layout or number of keys |
| **R-R** | RoHS Compliant / Red/Reverse Pinout configuration |
---
- ⤷What is the exact pin pitch for the KYPD-B4N22R-R connector?
- ⤷ Does this model include integrated backlighting (LEDs)?
- ⤷ How do I interface this keypad with a 5V microcontroller safely?