KYPD-C1M23N-R
AI

The **KYPD-C1M23N-R** is a specialized membrane keypad/switch component, typically used in industrial control panels or consumer electronics interfaces. This part number belongs to a category of Human-Machine Interface (HMI) devices designed for durability and low-profile integration.
---
### Technical Specifications and Construction
Below are the typical electronic and physical characteristics associated with this series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Membrane Keypad / Matrix Switch |
| **Contact Type** | Momentary Push-Button (Tactile or Non-Tactile) |
| **Interface** | FPC (Flexible Printed Circuit) or Ribbon Connector |
| **Contact Material** | Silver Ink or Carbon on PET film |
| **Voltage Rating** | Typically 12V - 30V DC |
| **Current Rating** | 10mA to 100mA (Signal level only) |
| **Operating Force** | 150g to 350g (depending on dome type) |
---
### Key Internal Components
1. **Graphic Overlay:** The top layer made of polyester or polycarbonate. It is chemically resistant and contains the printed icons/labels.
2. **Metal Domes (Optional):** If the model has "tactile" feedback, stainless steel domes are placed under the keys. When pressed, they complete the circuit between two traces.
3. **Circuit Layer:** A thin heat-stabilized polyester film printed with conductive silver ink. This layer transmits the signal to the controller.
4. **Spacer Layer:** An adhesive layer that holds the circuit and the overlay together, providing the "gap" that the button must close to register a press.
5. **Adhesive Backing:** Usually 3M industrial-grade adhesive for mounting the part onto a metal or plastic chassis.
---
### Usage Guidelines
To integrate this part into a circuit, follow these electronic principles:
* **Debouncing:** Since these are mechanical contacts, you must implement a hardware or software **debounce** (typically 5ms to 20ms) to prevent multiple trigger signals from a single press.
* **Pull-up/Down Resistors:** Use internal or external resistors (10kΩ is standard) to ensure the input pins do not "float" when the button is not pressed.
* **ZIF Connector:** The tail (FPC) usually requires a Zero Insertion Force (ZIF) or Lif connector on the PCB side with a matching pitch (e.g., 1.0mm or 2.54mm).
---
- ⤷
What is the specific pinout diagram for the KYPD-C1M23N-R connector?
- ⤷ Does this model include integrated LED backlighting?
- ⤷ What is the IP rating for dust and water resistance for this keypad?