AI

The **KYPD-D4A13R-R** is a specific model of a **piezoelectric buzzer** (also known as a transducer or sounder). These components are widely used in electronics to provide acoustic feedback, alarms, or signals.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
Based on the standard parameters for the KYPD series, here are the typical electrical characteristics:
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | Piezoelectric Transducer (External Drive) |
| **Operating Voltage** | 1.0 - 30.0 Vp-p (Max) |
| **Resonant Frequency** | ~4,000 Hz (4.0 kHz) |
| **Capacitance** | 12,000 pF ± 30% (@ 120Hz) |
| **Sound Pressure Level (SPL)** | ≥ 80 dB (at 10cm, 9Vp-p, 4kHz) |
| **Current Consumption** | ≤ 3 mA |
| **Operating Temperature** | -20°C to +70°C |
---
## 2. Component Structure and Logic
The KYPD-D4A13R-R functions based on the **Piezoelectric Effect**.
### A. Material Composition
* **Piezoelectric Ceramic:** A ceramic disc (usually PZT) that expands or contracts when an electric field is applied.
* **Metal Plate:** Usually brass or stainless steel, which acts as a diaphragm.
* **Housing:** Plastic casing (PBT or ABS) designed to resonate at a specific frequency to amplify sound.
### B. "External Drive" Logic
This specific part is typically a **transducer**, meaning it does **not** have a built-in oscillation circuit.
* To produce sound, you must apply a **square wave** or PWM signal from a microcontroller (like an Arduino or ESP32).
* The pitch (frequency) of the sound is determined by the frequency of the input signal.
---
## 3. Circuit Implementation
To integrate this part into a circuit, a simple transistor switching circuit is recommended to protect the microcontroller pins.
```cpp
// Example Arduino Code Snippet to drive the buzzer
void setup() {
pinMode(9, OUTPUT); // Connect to Transistor Base
}
void loop() {
tone(9, 4000); // Send 4kHz signal (Resonant Frequency)
delay(500);
noTone(9);
delay(500);
}
```
### Wiring Diagram Concept
1. **VCC** -> Resistor -> Buzzer (+)
2. **Buzzer (-)** -> Collector of NPN Transistor (e.g., 2N2222)
3. **Transistor Emitter** -> GND
4. **Transistor Base** -> Resistor -> Microcontroller GPIO
---
## 4. Key Application Use-Cases
* **Consumer Electronics:** Microwave beepers, washing machine end-of-cycle alerts.
* **Security Systems:** Keypad entry confirmation sounds.
* **Medical Devices:** Low-battery or error status indicators.
* **Automotive:** Dashboard warning chimes.
- ⤷
Does this buzzer require an external oscillator to function?
- ⤷ What is the difference between a piezoelectric transducer and an electromagnetic buzzer?
- ⤷ How can I increase the volume of the KYPD-D4A13R-R in my circuit?