L1131AL-25-AF5-R
AI

### L1131AL-25-AF5-R: Part Overview and Specifications
The **L1131AL-25-AF5-R** is a specific part number for a **Low Dropout (LDO) Linear Voltage Regulator**, typically manufactured by companies like **UTC (Unisonic Technologies)**. This component is designed to provide a stable, fixed output voltage from a variable or higher input voltage with very little "dropout" loss.
---
### Part Number Breakdown
The nomenclature usually follows this structure:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **L1131** | Series Name | High-accuracy, low-noise LDO regulator series. |
| **AL** | Lead-Free/Halogen-Free | Indicates compliance with environmental standards. |
| **25** | Output Voltage | **2.5V Fixed Output.** |
| **AF5** | Package Type | **SOT-25** (Small Outline Transistor, 5 pins). |
| **R** | Packing | **Tape & Reel** (for automated assembly). |
---
### Key Technical Specifications
Below are the typical electrical characteristics for this specific model:
| Parameter | Value/Limit |
| :--- | :--- |
| **Input Voltage (Max)** | ~6.0V to 7.0V |
| **Fixed Output Voltage** | **2.5V** |
| **Output Current** | 300mA (Standard for this series) |
| **Dropout Voltage** | Low (Typically < 300mV at full load) |
| **Quiescent Current** | ~60µA (Low power consumption) |
| **Operating Temperature** | -40°C to +85°C |
---
### Internal Electronics and Pin Configuration
The device integrates several critical electronic circuits inside the SOT-25 package:
1. **Pass Transistor:** Usually a P-channel MOSFET to allow low dropout operation.
2. **Voltage Reference:** A precise internal bandgap reference.
3. **Error Amplifier:** Compares the output voltage to the reference to maintain stability.
4. **Protection Circuits:** Includes Thermal Shutdown (OTP) and Current Limiting (OCP).
#### Typical Pinout (SOT-25):
1. **VIN:** Input Voltage.
2. **GND:** Ground.
3. **EN (CE):** Chip Enable (High = ON, Low = OFF).
4. **NC / ADJ:** No Connection (in fixed versions) or Bypass.
5. **VOUT:** Regulated 2.5V Output.
---
### Application Usage
This part is commonly found in battery-powered or portable electronics where space is limited and efficiency (low dropout) is required:
* **Mobile Phones:** Powering sensors or secondary logic rails.
* **IoT Devices:** Stable 2.5V supply for microcontrollers.
* **Precision Instruments:** Due to its low noise characteristics.
- ⤷
What is the maximum input voltage safety margin for this regulator?
- ⤷ Are there adjustable versions of the L1131 series available?
- ⤷ What is the recommended capacitor value for the VOUT pin to ensure stability?