L135-R47
AI

The **L135-R47** is a specific part number belonging to the **LUXEON 3535L** series of Light Emitting Diodes (LEDs) manufactured by **Lumileds**.
This component is widely used in commercial and industrial lighting due to its high efficacy and compact form factor.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of the diode:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | L135 | LUXEON 3535L Series (3.5mm x 3.5mm footprint) |
| **Color/Type** | R | Red (Specific wavelength range) |
| **Wavelength** | 47 | Denotes a specific binning/wavelength characteristic (approx. 620-630nm) |
---
### 2. Key Technical Specifications
The "R47" variant specifically targets the **Red** spectrum. Below are the typical electrical and optical characteristics:
* **Package Size:** 3.5mm x 3.5mm x 0.8mm (Industry standard 3535).
* **Forward Voltage ($V_f$):** Typically 1.9V to 2.4V.
* **Forward Current ($I_f$):** Rated for 100mA (nominal), with a maximum pulse current usually around 200mA.
* **Dominant Wavelength:** 620nm – 630nm (Red).
* **Viewing Angle:** 115° to 120° (wide distribution).
* **Operating Temperature:** -40°C to +105°C.
---
### 3. Structural Composition
The L135-R47 is built using high-reliability materials designed for longevity:
1. **Lead Frame:** Silver-plated copper alloy for optimal thermal dissipation.
2. **Encapsulant:** High-clarity silicone resin which resists yellowing under UV and heat.
3. **Die Technology:** AlGaInP (Aluminum Gallium Indium Phosphide) for efficient red light emission.
---
### 4. Common Applications
Due to its reliability and specific color output, it is commonly found in:
* **Signage:** Channel letters and architectural borders.
* **Automotive:** Interior ambient lighting and stop lamps.
* **Horticulture:** Used in grow lights to provide the red spectrum necessary for photosynthesis.
* **Status Indicators:** Industrial control panels and emergency lighting.
---
### 5. Design Considerations
* **Thermal Management:** Despite the small size, proper PCB heat-sinking (Metal Core PCB) is required to prevent "color shift" and lumen depreciation.
* **Polarity:** The cathode is usually marked by a notch on one corner of the SMD package.
- ⤷
What are the thermal resistance values for the L135-R47?
- ⤷ How does the L135-R47 compare to the LUXEON 3030 series?
- ⤷ What is the recommended solder reflow profile for this LED?