L16B06L-R24-T
AI

### Overview of the L16B06L-R24-T
The **L16B06L-R24-T** is a high-precision, low-profile linear potentiometer (often referred to as a "slide potentiometer" or "fader"). These components are primarily used in audio equipment, industrial control panels, and consumer electronics to adjust parameters such as volume, brightness, or frequency.
---
### Technical Specifications
The model number typically breaks down into specific physical and electrical characteristics. Below is a detailed breakdown of its electronic parts and properties:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Linear Slide Potentiometer |
| **Resistance Value** | Usually **10kΩ to 100kΩ** (Check specific datasheet suffix) |
| **Resistance Taper** | **B Taper** (Linear) - Resistance changes proportionally to travel |
| **Travel Length** | **60mm** (Effective mechanical stroke) |
| **Tolerance** | ±20% |
| **Power Rating** | 0.2W to 0.5W |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Number of Channels** | Mono (Single) or Stereo (Dual) depending on terminal count |
---
### Key Internal Components
The "electronic parts" within this assembly include:
1. **Resistive Element:** A carbon film or conductive plastic track that provides the resistance. The "L" in the prefix often denotes the linear nature of this track.
2. **Wiper (Contact):** A metal brush that slides across the resistive element. As the wiper moves, the resistance between the center terminal and the outer terminals changes.
3. **Terminals:** Usually 3 pins per channel (Input, Output/Wiper, Ground).
4. **Dust Cover/Shield:** A protective layer (often felt or rubber) to prevent debris from interfering with the electrical contact.
5. **Housing:** A metal or high-grade plastic frame that provides structural integrity and grounding.
---
### Terminal Pinout Configuration
A standard slide potentiometer like the L16B06L-R24-T follows this basic wiring logic:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Terminal A | Fixed end of the resistor (e.g., VCC or Ground) |
| **2** | Wiper | The moving contact (Variable Output) |
| **3** | Terminal B | The other fixed end of the resistor (e.g., Ground or VCC) |
---
### Applications
* **Audio Mixing Consoles:** Used as channel faders.
* **Lighting Controllers:** Adjusting DMX dimming levels.
* **Industrial Controls:** Setting precise values for machinery speed or temperature.
* **Musical Instruments:** Volume or expression sliders on synthesizers.
---
- ⤷
What is the difference between an 'A Taper' and a 'B Taper' in these potentiometers?
- ⤷ How do I test the L16B06L-R24-T using a multimeter?
- ⤷ Can this specific part be replaced with a 100mm travel fader?