Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L2-R22

  • AI
    The **L2-R22** is commonly referenced in the context of robotic development kits, specifically the **Unitree Go1** or **B1** series (where it refers to a specific motor/joint controller) or as a generic designation for **L2-R22 logic gates** in circuit design. However, in modern electronics, it most frequently refers to a **High-Performance Brushless Motor Controller** or a specific **DC-DC Step-Down Converter module**. Below is the breakdown of its typical electronic components and functions. --- ## 1. Core Electronic Components An L2-R22 module (specifically the motor control variant) typically consists of the following architecture: | Component Type | Specific Part/Role | Function | | :--- | :--- | :--- | | **Microcontroller** | ARM Cortex-M4 or similar | Processes incoming signal commands and manages PID loops. | | **MOSFET Bridge** | 6-N-Channel MOSFETs | Switches power to the three phases of a brushless motor. | | **Current Sensors** | Shunt Resistors | Monitors real-time current to prevent overheating/overloading. | | **Encoder Interface** | Magnetic or Optical | Provides feedback on the exact position of the motor shaft. | | **Communication IC** | CAN Bus or RS485 | Allows the part to talk to a master computer (like a Raspberry Pi or Jetson). | --- ## 2. Technical Specifications If you are looking at the L2-R22 as a **Power/Motor module**, here are the typical operating parameters: ### Power Delivery * **Input Voltage:** 12V - 24V DC. * **Peak Current:** Often rated up to 20A - 30A depending on the cooling solution. * **PWM Frequency:** 20kHz to 40kHz for silent and smooth operation. ### Logic & Communication * **Control Modes:** Position control, Velocity control, and Torque (Current) control. * **Data Rate:** High-speed CAN-FD support is common in R22 iterations to reduce latency in quadruped robots. --- ## 3. Circuit Interface Example For developers integrating this part into a custom PCB, the wiring logic usually follows this structure: ```cpp // Example: Basic CAN command structure for an L2-R22 Controller struct MotorCommand { float torque; // Desired output torque float velocity; // Target speed float position; // Target angle float Kp; // Proportional gain float Kd; // Derivative gain }; ``` --- ## 4. Common Use Cases 1. **Quadruped Robots:** Used in the "knees" and "hips" for high-torque explosive movements. 2. **Gimbal Systems:** High-precision R22 variants are used for 3-axis stabilization. 3. **Industrial Automation:** Used in small-scale pick-and-place arms where space is limited but power density must be high. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to the Unitree L2-R22 motor specifically?
    • ⤷ Do you need the pinout diagram for the L2-R22 communication port?
    • ⤷ Is this part being used for a drone or a ground-based robot?