AI

Based on electronic component nomenclature, the code **L2-R68-10** typically refers to a **Power Inductor**. Specifically, this part is an SMD (Surface Mount Device) molded power inductor, often used in DC-DC converters and power supply modules.
### Component Breakdown
| Part Segment | Meaning | Detailed Description |
| :--- | :--- | :--- |
| **L** | Component Type | Indicates an **Inductor**. |
| **2** | Series/Size | Usually refers to the physical size or series (e.g., 2mm height or a specific footprint). |
| **R68** | Inductance Value | Represents **0.68 µH** (Microhenries). The 'R' acts as a decimal point. |
| **10** | Tolerance | Typically represents **±10%** tolerance. |
---
### Technical Specifications
While exact specs can vary by manufacturer (such as Sumida, Vishay, or Bourns), a typical **0.68µH** power inductor of this class follows these parameters:
* **Inductance:** 0.68 µH
* **Tolerance:** ±10% (sometimes ±20% depending on the manufacturer's letter code, but '10' usually denotes the percentage).
* **Core Material:** Iron Powder or Ferrite (Molded construction for low EMI).
* **DC Resistance (DCR):** Very low, typically in the range of **5mΩ to 15mΩ** to minimize power loss.
* **Saturation Current (Isat):** Generally high, often between **5A to 15A** depending on the physical package size.
---
### Common Applications
These inductors are designed for high-frequency applications where space is limited and efficiency is critical.
1. **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost regulators.
2. **Motherboards/GPUs:** Found in Voltage Regulator Modules (VRM) to provide stable power to CPUs and GPUs.
3. **Mobile Devices:** Used in smartphones and tablets due to the low-profile SMD design.
4. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power lines.
---
### Comparison with Similar Values
| Code | Inductance Value |
| :--- | :--- |
| **R47** | 0.47 µH |
| **R68** | **0.68 µH** |
| **1R0** | 1.0 µH |
| **2R2** | 2.2 µH |
- ⤷
Which manufacturer produces this specific L2-R68-10 part number?
- ⤷ What are the physical dimensions of the '2' series package?
- ⤷ How does saturation current affect the performance of a 0.68uH inductor?