Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L2572-S16-R

  • AI
    The **L2572-S16-R** is an integrated circuit (IC) primarily designed as a **Step-Down (Buck) Switching Regulator**. It is commonly used in power management circuits to efficiently convert a higher DC voltage to a lower, regulated DC voltage. --- ### 1. General Specifications The "S16" in the part number typically refers to the package type (SOP-16), and the "R" indicates the packaging format (Tape & Reel). | Parameter | Typical Value / Description | | :--- | :--- | | **Function** | Step-Down (Buck) DC-DC Converter | | **Output Type** | Adjustable or Fixed (depending on sub-version) | | **Package** | SOP-16 (Small Outline Package, 16 pins) | | **Mounting Type** | Surface Mount (SMD) | | **Efficiency** | High efficiency (usually >80%) compared to linear regulators | --- ### 2. Key Internal Components The L2572-S16-R integrates several electronic sub-systems within its 16-pin housing: * **Internal Switch:** A high-side power transistor that toggles on and off at a high frequency. * **Oscillator:** Generates the fixed or variable frequency required for Pulse Width Modulation (PWM). * **Error Amplifier:** Compares the output voltage (via feedback) to an internal reference voltage to maintain stability. * **Protection Circuitry:** * *Thermal Shutdown:* Turns off the IC if it gets too hot. * *Current Limiting:* Prevents damage during overcurrent or short-circuit events. --- ### 3. Pin Configuration (Common SOP-16 Layout) While you should always consult the specific datasheet for the manufacturer (e.g., UTC or Unisonic Technologies), the typical pin functions for this series are: | Pin Category | Function | | :--- | :--- | | **Vin** | Input supply voltage. | | **Output/SW** | The switching output connected to the external inductor. | | **Feedback (FB)** | Senses the output voltage to regulate the duty cycle. | | **Ground (GND)** | Reference point for the circuit. | | **ON/OFF** | A logic pin to enable or disable the regulator. | --- ### 4. Application Circuit Requirements To function correctly, the L2572-S16-R requires specific external electronic parts: 1. **Inductor (L):** Stores energy during the "on" cycle and releases it during the "off" cycle. 2. **Schottky Diode (D):** Provides a path for the current when the internal switch is off (Freewheeling diode). 3. **Input Capacitor ($C_{in}$):** Filters input noise and provides transient current. 4. **Output Capacitor ($C_{out}$):** Smoothes the output voltage ripple. 5. **Resistor Divider:** (For adjustable versions) Used to set the specific output voltage level. --- ### 5. Common Use Cases * **Battery Chargers:** Efficiently dropping battery voltage for logic circuits. * **LCD Monitors:** Powering internal control boards. * **Distributed Power Systems:** Converting a 24V or 12V bus down to 5V or 3.3V.
    ✨ Follow-up Questions
    • ⤷ What are the maximum input voltage and output current ratings for the L2572-S16-R?
    • ⤷ How do I calculate the resistor values for the adjustable version of this IC?
    • ⤷ What is the recommended inductor value for a 5V output application?