AI

The **L2CE-1D-R/Q** is a high-performance **Fiber Optic Transceiver Module**, specifically designed for Gigabit Ethernet and Fiber Channel applications. These parts are typically used in networking equipment to interface motherboard circuitry with optical fiber cables.
---
### 1. General Specifications
The module follows the **SFP (Small Form-factor Pluggable)** standard, allowing for hot-swapping in switches and routers.
| Feature | Specification |
| :--- | :--- |
| **Data Rate** | 1.25 Gbps (Gigabit Ethernet) / 1.0625 Gbps (Fiber Channel) |
| **Media Type** | Single-Mode Fiber (SMF) |
| **Wavelength** | 1310 nm |
| **Reach/Distance** | Up to 10 km (standard for 1310nm SMF) |
| **Connector Type** | Duplex LC |
| **Voltage Supply** | 3.3V |
---
### 2. Key Electronic Components
Internally, the L2CE-1D-R/Q consists of several critical sub-assemblies that manage the conversion between electrical and optical signals:
#### A. The Transmitter Path
* **Laser Diode (FP or DFB):** Converts electrical data pulses into infrared light.
* **Laser Driver IC:** A high-speed integrated circuit that provides the necessary bias and modulation current to the laser diode.
* **APC (Automatic Power Control):** Feedback circuitry that monitors the laser output and adjusts current to maintain constant optical power over temperature fluctuations.
#### B. The Receiver Path
* **PIN Photodiode:** Detects incoming optical signals and converts them back into a small electrical current.
* **TIA (Trans-Impedance Amplifier):** Amplifies the weak current from the photodiode and converts it into a usable voltage signal.
* **Limiting Amplifier:** Cleans up the signal from the TIA, ensuring a consistent logic-level output for the host system.
#### C. Control and Monitoring
* **EEPROM:** Stores identification data (vendor name, part number, serial number).
* **DDM (Digital Diagnostic Monitoring):** Most modern versions of this part support DDM, allowing the host to monitor real-time parameters like temperature, supply voltage, and optical power.
---
### 3. Application and Usage
These modules are widely used in professional networking environments:
1. **Enterprise Switches:** Connecting core switches to distribution layers.
2. **Storage Area Networks (SAN):** Used in Fiber Channel switches for high-speed data backup.
3. **Metropolitan Area Networks (MAN):** Because it uses Single-Mode Fiber at 1310nm, it can span several kilometers, making it ideal for campus-wide connectivity.
---
### 4. Comparison Table: SMF vs. MMF (Contextual)
The L2CE-1D-R/Q is a **Single-Mode** device. Here is how it compares to Multi-Mode alternatives:
| Attribute | Single-Mode (L2CE-1D-R/Q) | Multi-Mode (Short Reach) |
| :--- | :--- | :--- |
| **Fiber Core Diameter** | 9 microns | 50 or 62.5 microns |
| **Typical Range** | 10km - 40km | 300m - 550m |
| **Cost** | Higher (Laser-based) | Lower (LED/VCSEL-based) |
- ⤷What is the power consumption of the L2CE-1D-R/Q module?
- ⤷ Is this module compatible with Cisco or Juniper hardware?
- ⤷ Does the 'Q' suffix indicate a specific industrial temperature rating?