Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L2PE-50-R/Q

  • AI
    The **L2PE-50-R/Q** is a specific variant of a high-performance, low-loss coaxial cable, commonly utilized in telecommunications and radio frequency (RF) engineering. It is part of the "Corrugated Copper" family of cables, designed for high power handling and low signal attenuation. --- ### 1. Technical Specifications Overview The model name typically breaks down into the cable's physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Impedance** | 50 Ohms (Standard for RF) | | **Size/Diameter** | Approximately 1/2 inch | | **Dielectric** | Physical Foam Polyethylene (PE) | | **Jacket Material** | PE (Polyethylene) - often flame retardant or UV resistant | | **Inner Conductor** | Copper-clad aluminum or solid copper | | **Outer Conductor** | Corrugated Copper | --- ### 2. Physical Construction The cable is built in layers to ensure maximum shielding and signal integrity: 1. **Inner Conductor:** The core carrier of the signal. 2. **Dielectric (Insulator):** Usually a gas-injected foam polyethylene. This maintains the spacing between the inner and outer conductors, which is critical for maintaining 50-ohm impedance. 3. **Outer Conductor:** A corrugated copper tube. The "corrugation" allows the cable to be flexible despite being made of solid metal, while providing 100% electromagnetic shielding. 4. **Outer Jacket:** The "R/Q" suffix often refers to specific environmental ratings, such as **Fire Retardant (R)** or **Low Smoke Zero Halogen (LSZH)**, making it suitable for indoor riser or plenum applications. --- ### 3. Key Electronic Properties #### A. Attenuation (Signal Loss) Because of the foam dielectric and solid copper shielding, the L2PE-50 series has very low loss over long distances compared to standard braided cables (like RG-8). #### B. VSWR (Voltage Standing Wave Ratio) These cables are manufactured to maintain high uniformity, resulting in a low VSWR. This ensures that most of the power sent from the transmitter reaches the antenna rather than reflecting back. #### C. Power Rating Due to its 1/2" size and efficient thermal properties, it can handle significantly higher wattage (kilowatts at lower frequencies) than smaller coaxial cables. --- ### 4. Common Applications * **Cellular Base Stations:** Connecting the transceiver (BTS) to the antenna. * **Radio Broadcasting:** FM and AM transmitter feedlines. * **In-Building Solutions (IBS):** Distributed Antenna Systems (DAS) for signal boosting inside malls or offices. * **Jumpers:** Used as a flexible link between a main rigid feeder and the equipment.
    ✨ Follow-up Questions
    • ⤷ What are the compatible connector types for L2PE-50-R/Q cables?
    • ⤷ How does the attenuation of this 1/2 inch cable compare to a 7/8 inch cable?
    • ⤷ What is the minimum bend radius for corrugated copper cables of this size?