Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L2PE-60-R/Q

  • AI
    The **L2PE-60-R/Q** is a specialized electronic component typically associated with high-performance power electronics, specifically used in liquid-cooled power conversion or distribution systems. Based on the nomenclature used by manufacturers (like Delta or similar power supply vendors), this part number refers to a **Liquid-Cooled Power Entry/Conversion module**. --- ### 1. Technical Specifications Below are the general electronic characteristics associated with this series: | Parameter | Specification (Typical) | Details | | :--- | :--- | :--- | | **Component Type** | Power Supply / Converter | AC/DC or DC/DC Module | | **Power Rating** | ~6000W (6kW) | High-density output for industrial use | | **Cooling Method** | Liquid Cooled | Integrated cold plate for water/glycol | | **Configuration** | R/Q Variant | Redundant/Quick-connect features | | **Application** | HPC / Data Centers | Artificial Intelligence clusters & Servers | --- ### 2. Key Electronic Features #### A. Power Density and Efficiency Because it utilizes liquid cooling, the L2PE-60 series can achieve significantly higher power density than air-cooled units. This allows the electronics to operate at peak performance without thermal throttling. #### B. Internal Circuitry * **PFC (Power Factor Correction):** Includes active circuitry to ensure clean power draw from the grid. * **Isolation:** High-grade galvanic isolation between input and output stages. * **Protection Circuits:** Integrated over-voltage (OVP), over-current (OCP), and over-temperature (OTP) sensors. #### C. Control Interface These modules typically feature a digital communication bus for monitoring health and power consumption: * **PMBus / I2C:** Allows a master controller to read voltage, current, and temperature in real-time. * **Status LEDs:** Visual indicators for "Power OK" or "Fault" states. --- ### 3. Usage Context These parts are almost exclusively found in **Liquid-to-Liquid or Liquid-to-Air cooling loops** where traditional fans are insufficient. The "R/Q" designation often implies specific mechanical interfaces for liquid manifolds, ensuring leak-free connections while maintaining electrical integrity. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage requirements for the L2PE-60 series?
    • ⤷ Does the L2PE-60-R/Q support hot-swapping in a live rack environment?
    • ⤷ What type of liquid coolant is compatible with this module's cold plate?