Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L2PE-66-R/Q

  • AI
    The **L2PE-66-R/Q** series typically refers to high-performance, shielded power inductors commonly used in automotive and industrial electronics. These components are designed for high-current power management applications. ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **Mag.Layers**), the standard parameters for this series are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance Range** | Usually 0.47µH to 22µH | | **Current Rating** | High (Saturation current can exceed 10A-30A depending on value) | | **Construction** | Metal Alloy (Shielded) | | **Tolerance** | ±20% (M) | | **Operating Temperature** | -40°C to +125°C (or +150°C for automotive grade) | | **Package Size** | 6.6mm x 6.4mm (approximate footprint) | --- ### 2. Core Features * **Magnetically Shielded:** The molded construction uses a metallic powder core that encapsulates the coil. This minimizes electromagnetic interference (EMI) and prevents noise from leaking into surrounding circuits. * **Low DCR (DC Resistance):** Designed with thick copper wire to minimize power loss and heat generation during operation. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply at high currents, the metal alloy core provides a "soft" saturation curve, making the power supply more stable under heavy loads. * **AEC-Q200 Compliance:** Most parts ending in "Q" are automotive-grade, meaning they have undergone rigorous stress testing for vibration, thermal shock, and moisture. --- ### 3. Application Use-Cases These inductors are essential in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. 1. **Automotive Systems:** Infotainment units, ADAS sensors, and LED lighting drivers. 2. **Computing:** High-efficiency power stages for CPUs and GPUs in industrial PCs. 3. **Telecommunications:** Distributed power systems and base station power modules. --- ### 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **L2PE** | Series series (Molded Power Inductor) | | **66** | Physical size (approx. 6.0 x 6.0mm or 7.0 x 7.0mm class) | | **R** | Indicates the Inductance value decimal point (e.g., 1R0 = 1.0µH) | | **Q** | Qualification grade (Automotive AEC-Q200) | ---
    ✨ Follow-up Questions
    • ⤷What is the saturation current rating for the 1.0uH version of this inductor?
    • ⤷ How does the 'soft saturation' of a metal alloy core differ from a ferrite core?
    • ⤷ What are the recommended soldering profiles for L2PE series components?