Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L3012L-S08-R

  • AI
    The **L3012L-S08-R** is a high-performance, asynchronous step-down (Buck) DC-DC converter integrated circuit. It is primarily designed for high-efficiency power management in applications requiring voltage regulation from a higher input to a lower output. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the L3012L: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 30V | | **Output Voltage Range** | Adjustable (0.8V to 15V) | | **Output Current** | Up to 3A | | **Switching Frequency** | Fixed 380kHz | | **Efficiency** | Up to 92% | | **Package Type** | SOP-8 | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Pin Configuration (SOP-8) The device is housed in an 8-pin Small Outline Package. Below is the functional breakdown of the pins: 1. **BS (Bootstrap):** Connection for a capacitor to drive the high-side N-channel MOSFET gate. 2. **IN (Input):** Power supply input pin. 3. **SW (Switch):** Output switching node; connects to the external inductor. 4. **GND (Ground):** Reference ground. 5. **FB (Feedback):** Receives the feedback voltage from the output via a resistor divider. 6. **COMP (Compensation):** External components connected here stabilize the control loop. 7. **EN (Enable):** Logic input to turn the IC on or off. 8. **SS (Soft Start):** External capacitor connection to control the output voltage ramp-up time. --- ### 3. Core Features * **Internal Power MOSFET:** Integrates a low $R_{DS(on)}$ N-channel MOSFET to reduce external component count and improve efficiency. * **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits the peak current through the switch. * **Thermal Shutdown:** Automatically shuts down the device if the junction temperature exceeds safe limits. * **Under-Voltage Lockout (UVLO):** Prevents the IC from operating at insufficient input voltages. * **Soft Start:** Prevents inrush current during startup, protecting both the IC and the load. --- ### 4. Typical Application Circuit To use the L3012L-S08-R, several external components are required. Below is a simplified representation of the typical circuit setup: ```mermaid graph LR Input -->|C_in| L3012L L3012L -->|Inductor| Output L3012L -->|Diode| GND Output -->|Resistor Divider| FB_Pin Output -->|C_out| GND ``` **Common Applications:** * Distributed Power Systems * Battery Chargers * Pre-regulators for Linear Regulators * Set-top Boxes and Networking Equipment
    ✨ Follow-up Questions
    • ⤷ How do you calculate the resistor values for a specific output voltage on the FB pin?
    • ⤷ What are the recommended values for the bootstrap capacitor and inductor?
    • ⤷ How does the L3012L compare to the LM2596 in terms of efficiency and size?