Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L3305-P14-R

  • AI
    The **L3305-P14-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like Chilisin or similar high-current inductor producers). | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | Typically defined by the "05" or internal codes (often 4.7µH to 10µH depending on series) | | **Tolerance** | ±20% (Standard for power inductors) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Package Size** | "3305" usually refers to dimensions (approx. 3.3mm x 3.3mm x 0.5mm - 1.2mm height) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Physical Characteristics * **Shielding:** This is a shielded inductor, meaning it is encased in a magnetic material (ferrite) to minimize Electromagnetic Interference (EMI) with surrounding components. * **Low Profile:** The "P14" or similar suffixes often denote a specific height profile, making it suitable for compact electronics like smartphones or tablets. * **Construction:** It features a wire-wound core protected by a resin or ferrite mold. --- ### 3. Key Functions in a Circuit The L3305-P14-R serves three primary roles in an electronic assembly: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the switching cycle. 2. **Noise Filtration:** It blocks high-frequency AC noise while allowing DC current to pass, stabilizing the voltage rail. 3. **Current Smoothing:** It prevents rapid changes in current, protecting sensitive downstream components (like CPUs or GPUs). --- ### 4. Common Applications * **Mobile Devices:** Power management ICs (PMIC) in phones. * **Laptops:** Localized power regulation for memory modules. * **IoT Sensors:** Miniature power supplies for low-energy wireless modules. * **Consumer Electronics:** Handheld gaming consoles and digital cameras. --- ### 5. Identification Code Breakdown While manufacturer codes vary slightly, the general breakdown is: * **L:** Inductor category. * **3305:** Package dimensions (3.3mm x 3.3mm footprint). * **P14:** Height or Series specific designation. * **R:** Taping & Reel packaging or RoHS Compliance.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the L3305 series?
    • ⤷ How does a shielded inductor differ from a non-shielded inductor in PCB design?
    • ⤷ What is the typical saturation current for an inductor of this size?