Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • L3380L-21-AF5-R

  • AI
    The **L3380L-21-AF5-R** is a specific integrated circuit, typically identifying as a **Low Dropout (LDO) Linear Voltage Regulator**. This component is designed to provide a stable, fixed output voltage from a higher, fluctuating input voltage with minimal power loss. --- ### 1. Part Number Breakdown While nomenclature can vary slightly by manufacturer (commonly associated with UTC - Unisonic Technologies), the suffix codes generally follow this structure: | Segment | Meaning | Description | | :--- | :--- | :--- | | **L3380L** | Series Base | High accuracy, low dropout linear regulator series. | | **21** | Output Voltage | Indicates a fixed **2.1V** output. | | **AF5** | Package Type | Typically refers to a **SOT-25** (or SOT-23-5) package. | | **R** | Packing | Tape & Reel (standard for automated PCB assembly). | --- ### 2. Key Technical Specifications Based on the standard L3380 series profile, here are the electronic characteristics: * **Output Voltage:** Fixed 2.1V. * **Dropout Voltage:** Very low (typically $< 0.5V$ at full load), allowing the device to regulate even when the input voltage is very close to the output voltage. * **Maximum Input Voltage:** Usually up to 6V or 7V (standard for CMOS LDOs). * **Output Current:** Generally rated for **300mA to 500mA** (depending on thermal dissipation). * **Quiescent Current:** Low standby current, making it suitable for battery-powered devices. * **Protection Features:** * Over-current protection (Current Limiting). * Thermal shutdown (Over-temperature protection). --- ### 3. Pin Configuration (SOT-25) A standard 5-pin layout for this type of LDO is usually as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **EN / CE** | Enable / Chip Enable (High = On, Low = Off) | | 4 | **NC / BYP** | No connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Typical Applications * **Mobile Devices:** Providing steady power to sensors or microprocessors in smartphones. * **Battery-Powered Systems:** Maximizing battery life due to low quiescent current. * **Post-Regulation:** Used after a switching regulator to "clean up" noise for sensitive analog circuits. --- ### 5. Circuit Implementation Example To use this part effectively, input and output capacitors are required for stability: ```c [Input Voltage] ----[ VIN ]-------[ VOUT ]---- [ 2.1V Load ] | | [ C_in 1uF ] [ C_out 2.2uF ] | | [GND] [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the L3380L series?
    • ⤷ Can this regulator be used for 3.3V to 2.1V conversion?
    • ⤷ What is the function of the Bypass pin in this specific package?