L3CK-51-R
AI

The **L3CK-51-R** is a specific part number typically associated with automotive lighting components, specifically for the **Mazda 3 (2010–2013)** series. It refers to the **Front Right (Passenger Side) Fog Light / Driving Light Assembly**.
Below is a detailed breakdown of its electronic and structural characteristics.
---
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Front Fog Lamp Assembly |
| **Placement** | Front, Right Side (RH) |
| **Bulb Type** | Typically H11 (Halogen) |
| **Operating Voltage** | 12V DC (Standard Automotive) |
| **Wattage** | 55W (Standard H11) |
| **Lens Material** | Clear Glass or High-Impact Polycarbonate |
| **Housing Material** | Heat-resistant ABS Plastic |
---
### Electronic Components & Functionality
#### 1. The Light Source (H11 Bulb)
The primary electronic element is the H11 bulb. It uses a tungsten filament enclosed in halogen gas. When current flows through the filament, it heats up to incandescence, providing a focused, low-angled beam designed to cut through fog or rain without reflecting back into the driver's eyes.
#### 2. Electrical Connector
The assembly features a standard automotive two-pin socket (H11 interface).
* **Pin 1 (Positive):** Connects to the fog light relay/switch.
* **Pin 2 (Ground):** Connects to the vehicle chassis or negative battery terminal.
#### 3. Reflector Optics
While not "electronic" in the sense of a circuit, the internal parabolic reflector is mathematically designed to work with the specific filament position of the bulb to ensure the light pattern adheres to SAE/DOT safety regulations.
#### 4. Thermal Management
Since 55W halogen bulbs generate significant heat, the assembly includes:
* **Venting:** Small Gore-Tex or mesh breathers that allow moisture to escape while preventing water from entering.
* **Heat Shielding:** Internal metal components to prevent the plastic housing from melting during prolonged use.
---
### Compatibility & Context
This part is specifically engineered for the **Mazda 3** models (including the Hatchback and Sedan) produced between **2010 and 2013**. It is an OEM (Original Equipment Manufacturer) specification part, meaning it is designed to fit the factory harness without modifications.
---
- ⤷
What are the common signs of failure for the L3CK-51-R fog light assembly?
- ⤷ Is it possible to upgrade this assembly to LED bulbs without modifying the electronics?
- ⤷ How do I adjust the vertical aim of the L3CK-51-R light beam?