L45RN-R2-2111
AI

The **L45RN-R2-2111** is a high-performance LED indicator belonging to the **L45 Series** manufactured by **Sloan AG**. These components are specifically designed for industrial environments requiring high durability and visibility.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic and physical characteristics:
| Specification | Details |
| :--- | :--- |
| **LED Color** | Red (indicated by the 'R' in the code) |
| **Input Voltage** | 2V DC (Standard Forward Voltage) |
| **Mounting Hole** | 8mm Diameter |
| **Lens Style** | Raised / Prominent (N-Type) |
| **Termination** | Solder Tabs / Fastons |
| **Current Rating** | Typically 20mA (nominal) |
---
### 2. Key Electronic Components
The assembly consists of three primary electronic layers:
1. **The Light Source:** A high-brightness AlGaInP (Aluminium Gallium Indium Phosphide) LED chip. This chemistry provides stable red light output even in fluctuating temperatures.
2. **Internal Circuitry:**
* **Polarity:** These indicators are polarity sensitive (Anode/Cathode).
* **Protection:** While the R2 variant is a low-voltage DC model, the internal housing often includes basic ESD protection.
3. **Housing & Insulation:** The body is usually made of nickel-plated brass or high-grade plastic, providing a common ground or isolated path depending on the specific mounting washer used.
---
### 3. Application Use Cases
Because of its "Raised" (R) lens design, it provides a wide viewing angle (up to 180°), making it ideal for:
* **Control Panels:** Status indication for heavy machinery.
* **Signal Units:** Alerting operators to "Stop" or "Error" states.
* **Outdoor Equipment:** The assembly is typically rated for IP67, meaning it is dust-tight and protected against water immersion.
---
### 4. Installation Diagram (Simplified)
To integrate this into a circuit, a current-limiting resistor is required if your supply voltage exceeds 2V.
```cpp
[DC Source +] ---- [Resistor] ---- [Anode (+)]
|
(LED)
|
[DC Source -] -------------------- [Cathode (-)]
```
---
- ⤷What is the recommended resistor value for using this LED with a 12V supply?
- ⤷ Is the L45RN-R2-2111 waterproof (IP rated)?
- ⤷ Does this model come in other colors like Green or Blue?